| Electronic Components Datasheet Search |
|
76503 Datasheet(PDF) 4 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
76503 Datasheet(HTML) 4 Page - Wiha Tools |
|
4 / 52 page ![]() 4 Wiha Terminator Insert & Power Impact Bits Hex Inch Terminator Impact Bits, 1/4” Insert - 10 Bit Pack Item No. Inch mm pkg. 76530 1/8 29 10 76531 9/64 29 10 76532 5/32 29 10 76533 3/16 29 10 76534 7/32 29 10 76535 1/4 29 10 Hex Metric Terminator Impact Bits, 1/4” Insert - 10 Bit Pack Item No. mm mm pkg. 76523 3.0 29 10 76524 4.0 29 10 76525 5.0 29 10 76526 6.0 29 10 Impact rated bits for long life in impact applications Provide up to 30 times impact performance over standard bits Standard 1/4” drive - No special adaptor required Wiha enhanced bi-material torsion zone Precision machined exact fit tips Wiha exclusive CVM tool steel Guaranteed to out perform impact imposters Phillips Terminator Impact Bits, 1/4” Insert - 10 Bit Pack Item No. Size mm pkg. 76501 1 29 10 76502 2 29 10 76503 3 29 10 765 Pozidriv® Terminator Impact Bits, 1/4” Insert - 10 Bit Pack Item No. Size mm pkg. 76506 1 29 10 76507 2 29 10 76508 3 29 10 Terminator Impact Bits, 1/4” Insert - 10 Bit Pack Item No. Size mm pkg. 76510 T10 29 10 76511 T15 29 10 76512 T20 29 10 76513 T25 29 10 76514 T27 29 10 76516 T30 29 10 76517 T40 29 10 Square Terminator Impact Bits, 1/4” Insert - 10 Bit Pack Item No. Size mm pkg. 76538 1 29 10 76539 2 29 10 76540 3 29 10 Up To 30X Performance Over Standard Screwdriver Bits Dual material impact absorbing torsion zone Hex Inch Terminator Impact Bits, 1/4” Insert - 2 Bit Pack Item No. Inch mm pkg. 76830 1/8 29 2 76831 9/64 29 2 76832 5/32 29 2 76833 3/16 29 2 76834 7/32 29 2 76835 1/4 29 2 Hex Metric Terminator Impact Bits, 1/4” Insert - 2 Bit Pack Item No. mm mm pkg. 76823 3.0 29 2 76824 4.0 29 2 76825 5.0 29 2 76826 6.0 29 2 Phillips Terminator Impact Bits, 1/4” Insert - 2 Bit Pack Item No. Size mm pkg. 76801 1 29 2 76802 2 29 2 76803 3 29 2 Pozidriv® Terminator Impact Bits, 1/4” Insert - 2 Bit Pack Item No. Size mm pkg. 76806 1 29 2 76807 2 29 2 76808 3 29 2 Terminator Impact Bits, 1/4” Insert - 2 Bit Pack Item No. Size mm pkg. 76810 T10 29 2 76811 T15 29 2 76812 T20 29 2 76813 T25 29 2 76814 T27 29 2 76816 T30 29 2 76817 T40 29 2 Square Terminator Impact Bits, 1/4” Insert - 2 Bit Pack Item No. Size mm pkg. 76838 1 29 2 76839 2 29 2 76840 3 29 2 Up To 30X Performance Over Standard Screwdriver Bits 1/4” Drive Insert & Power Bits 768 765 768 765 768 765 768 765 768 765 768 Toll Free: (800) 494-6104 SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |