Electronic Components Datasheet Search
  English  ▼

X  

33480 Datasheet(PDF) 16 Page - Wiha Tools

Part # 33480
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33480 Datasheet(HTML) 16 Page - Wiha Tools

Back Button 33480 Datasheet HTML 12Page - Wiha Tools 33480 Datasheet HTML 13Page - Wiha Tools 33480 Datasheet HTML 14Page - Wiha Tools 33480 Datasheet HTML 15Page - Wiha Tools 33480 Datasheet HTML 16Page - Wiha Tools 33480 Datasheet HTML 17Page - Wiha Tools 33480 Datasheet HTML 18Page - Wiha Tools 33480 Datasheet HTML 19Page - Wiha Tools 33480 Datasheet HTML 20Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
16
9 Piece Metric Ball End Hex Screwdriver Set
Blades Chrome-V-Moly, hardened, black finish. Molded on
Wiha-3k Ergo soft grip handles.
Item No.
46799
Metric: 1.5, 2.0, 2.5, 3.0, 5.0,
lbs.
6.0, 8.0, 10.0mm
1.93
46799
7 Piece Metric Ball End Hex Screwdriver Set
Blades Chrome-V-Moly, hardened, black finish.
Molded on Wiha-3k Ergo soft grip handles.
Item No.
46796
Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0mm
lbs. 1.15
46796
Ball End Hex Metric Screwdriver, With Wiha-3K Ergo Handle
Blades Chrome-V-Moly, hardened, black finish. Molded on
Wiha-3K Ergo soft grip handles.
Item
No.
mm
mm
mm
lbs.
pkg.
46715
1.5
75
161
.07
10
46720
2.0
100
186
.07
10
46725
2.5
100
186
.07
10
46730
3.0
100
186
.07
10
46740
4.0
100
197
.11
10
46750
5.0
100
197
.13
10
46760
6.0
150
257
.21
10
46780
8.0
200
307
.34
10
46786
10.0
200
319
.52
10
467
For angle
entry
Metric / Soft Grip
Wiha Ball End 3K Series Drivers & Sets
13 Piece 3K Ergo Inch Ball End Hex Screwdriver Set
Blades Chrome-V-Moly, hardened, black finish. Molded on
Wiha-3k Ergo soft grip handles.
Item No.
46797
Inch: .050, 1/16, 5/64, 3/32, 7/64, 1/8,
lbs.
9/64, 5/32, 3/16, 7/32, 1/4, 5/16, 3/8”
2.40
46797
8 Piece 3K Ergo Inch Ball End Hex Screwdriver Set
Item No.
46793
Inch: .050, 1/16, 5/64, 3/32, 7/64,
lbs.
1/8, 9/64, 5/32”
1.19
Ball End Hex Inch Drivers, With 3K Ergo Soft Grip Handles
Blades Chrome-V-Moly, hardened, black finish. Ergo soft grip handles.
Item
No.
Inch
Inch
Inch
lbs.
pkg.
46702
.050
2.9
6.3
.07
10
46704
1/16
2.9
6.3
.07
10
46706
5/64
3.9
7.3
.07
10
46708
3/32
3.9
7.3
.07
10
46710
7/64
3.9
7.3
.07
10
46712
1/8
3.9
7.7
.09
10
46714
9/64
3.9
7.7
.10
10
46716
5/32
3.9
7.7
.11
10
46718
3/16
3.9
7.7
.12
10
46722
7/32
5.9
10.0
.19
10
46724
1/4
5.9
10.0
.22
10
46726
5/16
7.9
12.0
.34
10
46728
3/8
7.9
12.5
.48
10
467
Inch / Soft Grip
Yellow = Inch
Red = Metric
46793
6 Piece 3K Ergo Inch Ball End Hex Screwdriver set
Item No.
46794
Inch: 1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
lbs. .97
46794
· Soft panel grip
· Fast angle entry
· Convenient hang hole
· Exact fit precision machined tips
· Wiha exclusive Chrome-V-Moly
super tool steel
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com