Electronic Components Datasheet Search
  English  ▼

X  

33480 Datasheet(PDF) 25 Page - Wiha Tools

Part # 33480
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33480 Datasheet(HTML) 25 Page - Wiha Tools

Back Button 33480 Datasheet HTML 21Page - Wiha Tools 33480 Datasheet HTML 22Page - Wiha Tools 33480 Datasheet HTML 23Page - Wiha Tools 33480 Datasheet HTML 24Page - Wiha Tools 33480 Datasheet HTML 25Page - Wiha Tools 33480 Datasheet HTML 26Page - Wiha Tools 33480 Datasheet HTML 27Page - Wiha Tools 33480 Datasheet HTML 28Page - Wiha Tools 33480 Datasheet HTML 29Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
25
TorqueFix T-handle
EN ISO 6798, BS EN 26789, ASME B107.14M, +/- 6% Accuracy
Ergonomic multi-component handle, light and compact.
With Certificate of calibration.
289
Item
Torque
Torque
No.
In-lbs.
Nm
mm x mm
lbs.
pkg.
28931
53.1
6
56 x 120
.81
1
28933
70.8
8
56 x 120
.82
1
28935
88.5
10
56 x 120
.79
1
28937
106.2
12
56 x 120
.79
1
28938
110.6
12.5
56 x 120
.80
1
28939
123.9
14
56 x 120
.80
1
Each TorqueFix T-handle has unique serial
number and certificate of calibration
T-handle TorqueControl Tools
Includes Calibration
Certificate
Hex Metric Interchangeable Blades For TorqueFix T-handle
Hex tip blades on 6mm Hex shafts. High alloy CVM steel,
hardened, satin hard chrome finish.
289
Item
No.
mm
mm
Inch
lbs.
pkg.
28916
3.0
130
5.1
.11
1
28917
4.0
130
5.1
.11
1
28918
5.0
130
5.1
.11
1
28919
6.0
130
5.1
.11
1
Hex Inch Interchangeable Blades For TorqueFix T-handle
Hex tip blades on 6mm Hex shafts. High alloy CVM steel,
hardened, satin hard chrome finish.
289
Item
No.
Inch
mm
Inch
lbs.
pkg.
28920
1/8
130
5.1
.11
1
28921
9/64
130
5.1
.11
1
28922
5/32
130
5.1
.11
1
28923
3/16
130
5.1
.11
1
28924
7/32
130
5.1
.11
1
Adjustable TorqueVario STplus T-handle
EN ISO 6798, BS EN 26789, ASME B107.14M, +/- 6% Accuracy
Ergonomic multi-component handle, light and compact.
28940
Item
Torque
Torque
No.
In-lbs.
Nm
mm x mm
lbs.
pkg.
28940
44.3-123.9
5-14
56
x 120
.81
1
Includes Calibration
Certificate
* (1 Nm 8.8507)
Adjustable from
Nm 5-14 or
In-lbs. 44.3-123.9
www.wihatools.com
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com