Electronic Components Datasheet Search
  English  ▼

X  

33480 Datasheet(PDF) 24 Page - Wiha Tools

Part # 33480
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33480 Datasheet(HTML) 24 Page - Wiha Tools

Back Button 33480 Datasheet HTML 20Page - Wiha Tools 33480 Datasheet HTML 21Page - Wiha Tools 33480 Datasheet HTML 22Page - Wiha Tools 33480 Datasheet HTML 23Page - Wiha Tools 33480 Datasheet HTML 24Page - Wiha Tools 33480 Datasheet HTML 25Page - Wiha Tools 33480 Datasheet HTML 26Page - Wiha Tools 33480 Datasheet HTML 27Page - Wiha Tools 33480 Datasheet HTML 28Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
Hex Metric Interchangeable Blades For TorqueFix &
TorqueVario Hex tip blades on narrow 5/32 Hex shafts. High alloy
CVM steel, hardened, satin hard chrome finish.
285
Item
Max. Torque
No.
mm
mm
lbs.
Nm
pkg.
28545
1.5
175
.07
0.9
1
28546
2.0
175
.07
1.8
1
28547
2.5
175
.07
3.8
1
28548
3.0
175
.07
8.0
1
28549
4.0
175
.07
8.0
1
Hex Inch Interchangeable Blades For TorqueFix &
TorqueVario Hex tip blades on narrow 5/32 Hex shafts. High alloy
CVM steel, hardened, satin hard chrome finish.
285
Item
Max. Torque
No.
Inch
mm
lbs.
Nm
pkg.
28555
.050
175
.07
.4
1
28556
1/16
175
.07
.9
1
28557
5/64
175
.07
1.8
1
28558
3/32
175
.07
1.8
1
28559
7/64
175
.07
3.8
1
28560
1/8
175
.07
3.8
1
28587
9/64
175
.07
8.0
1
28588
5/32
175
.07
8.0
1
+/-6% accuracy
tolerance
Certificate of
calibration
TorqueFix, With Wiha-SoftFinish® Handle
Fixed Torque value pre-set. Tested in accordance with EN ISO 6798,
BS EN 26789, ASME B107.14M, tolerance +/- 6%. Audible and
perceptible click when pre-set torque has been attained.
Automatically resets for next torque cycle; 50% greater reverse torque.
285
Item
Pre-Sets
No.
oz.
lbs.
Nm
mm
Inch
lbs.
pkg.
28503
80
5
0.56
112
4.4
.16
1
28505
120 7.5
0.84
112
4.4
.15
1
28507
160 10
1.12
119
4.7
.28
1
28509
200 12.5
1.41
119
4.7
.27
1
28511
240 15
1.69
119
4.7
.27
1
28513
320 20
2.25
119
4.7
.28
1
28515
400 25
2.82
126
4.9
.37
1
28517
480 30
3.39
126
4.9
.37
1
28518
560 35
3.95
126
4.9
.37
1
28519
640 40
4.52
126
4.9
.37
1
28521
800 50
5.65
132
5.2
.52
1
28523
960 60
6.78
132
5.2
.52
1
28525
1120 70
7.91
132
5.2
.52
1
Adjustable TorqueVario With Direct Reading Scale
EN ISO 6798, BS EN 26789, ASME B107.14M. Ergonomic molded
multi-component handle, light and compact. Handle sizes proportioned
to optimize torque range. Audible and perceptible click when the torque
setting has been attained, automatically resets for next torque cycle.
285
Item
Range
No.
Inch lbs.
Increments
mm
lbs.
pkg.
28501*
15 - 80(in/oz) 2.5 Inch oz
122 - 127
.22
1
28502
5 - 10
.5 Inch lbs
122 - 127
.41
1
28504
7.5 - 20
.5 Inch lbs
126 - 131
.50
1
28506
10 - 50
2 Inch lbs
133 - 138
.59
1
28508
20 - 70
2 Inch lbs
137 - 142
.74
1
+/-6% accuracy
tolerance
Certificate of
calibration
Direct Reading Scale
+/-6% accuracy tolerance
Certificate of calibration
Adjustable TorqueVario-S Handle - In Newton Meter Scale
EN ISO 6798, BS EN 26789, ASME B107.14M. Ergonomic molded
multi-component handle, light and compact. Handle sizes proportioned
to optimize torque range. Audible and perceptible click when the torque
setting has been attained, automatically resets for next torque cycle.
285
Item
Newton
No.
Meter Scale
Increments
mm
lbs.
pkg.
28550*
0.1 - 0.6Nm
.02 Nm
122 - 127
.35
1
28551
0.4 - 1.0Nm
.05 Nm
122 - 127
.35
1
28552
0.8 - 2.0Nm
.05 Nm
126 - 131
.45
1
28553
1.0 - 5.0Nm
.20 Nm
133 - 138
.55
1
28554
2.0 - 8.0Nm
.25 Nm
137 - 142
.70
1
Above includes Micro Bit Holder 28583
See 4mm Micro Bits on Page 30
* +/- 10% (This unit only)
* (1 Nm = 8.8507)
* +/- 10% (This unit only)
* (1 Nm 8.8507)
24
TorqueControl Tools
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com