Electronic Components Datasheet Search
  English  ▼

X  

33480 Datasheet(PDF) 4 Page - Wiha Tools

Part # 33480
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33480 Datasheet(HTML) 4 Page - Wiha Tools

  33480 Datasheet HTML 1Page - Wiha Tools 33480 Datasheet HTML 2Page - Wiha Tools 33480 Datasheet HTML 3Page - Wiha Tools 33480 Datasheet HTML 4Page - Wiha Tools 33480 Datasheet HTML 5Page - Wiha Tools 33480 Datasheet HTML 6Page - Wiha Tools 33480 Datasheet HTML 7Page - Wiha Tools 33480 Datasheet HTML 8Page - Wiha Tools 33480 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Screw Holding
Hex Tools!
Ball End Hex Keys
Chamfered ends for
easy insertion
Ball End Hex Keys
Wiha exclusive Chrome-
V-Moly super tool steel,
hardened, hard chromed,
screw holding
U.S. Patent 6,302,001 B1
ErgoStar Holder
Every key can be
taken out separately
without having to
move another key
9 Pc. MagicRing Long Metric Ball End Hex L-key Set, In
ErgoStar Holder Blade Chrome-V-Moly, hardened, hard chrome finish.
Item
No.
mm
mm
mm
mm
lbs.
66990
66904*
1.5
90
66924
5.0
158
.94
66908*
2.0
99
66928
6.0
178
66912*
2.5
111
66936
8.0
197
66916
3.0
125
66944
10.0
221
66920
4.0
138
* Standard Ball - No Ring
66990
MagicRing Ball End Metric Hex L-key Long blade Chrome-
V-Moly, hardened, hard chrome finish.
Item
No.
mm
mm
mm
lbs.
pkg.
66904*
1.5
90
14
.01
10
No Ring
66908*
2.0
99
16
.01
10
No Ring
66912*
2.5
111
18
.01
10
No Ring
MagicRing
66916
3.0
125
20
.02
10
66920
4.0
138
25
.04
10
66924
5.0
158
28
.07
10
66928
6.0
178
32
.12
10
66936
8.0
198
36
.23
10
66944
10.0
221
40
.40
10
* Standard Ball - No Ring
669
13 Piece MagicRing Long Inch Ball End Hex L-key Set,
In ErgoStar Holder Chrome-V-Moly, hardened, hard chrome finish.
Item
No.
Inch Inch
Inch
Inch
lbs.
66991
66945*
.050 2.8
66956
5/32
5.7
1.08
66946*
1/16 3.1
66959
3/16
6.2
66947*
5/64 3.5
66962
7/32
6.7
66950*
3/32 3.9
66965
1/4
7.3
66952*
7/64 4.3
66968
5/16
8.0
66953
1/8
4.6
66971
3/8
8.8
66955
9/64 5.2
* Standard Ball - No Ring
66991
MagicRing Ball End Inch Hex L-key, Long blade
Chrome-V-Moly, hardened, hard chrome finish.
Item
No.
Inch
Inch
Inch
lbs.
pkg.
66945*
.050
2.8
.5
.01
10
No Ring
66946*
1/16
3.1
.6
.01
10
No Ring
66947*
5/64
3.5
.7
.01
10
No Ring
66950*
3/32
3.9
.7
.01
10
No Ring
66952*
7/64
4.3
.7
.02
10
No Ring
MagicRing
66953
1/8
4.6
.8
.02
10
66955
9/64
5.2
.9
.03
10
66956
5/32
5.7
1.0
.04
10
66959
3/16
6.2
1.1
.06
10
66962
7/32
6.7
1.2
.09
10
66965
1/4
7.3
1.2
.13
10
66968
5/16
8.0
1.4
.22
10
66971
3/8
8.8
1.6
.36
10
* Standard Ball - No Ring
22 Piece Combination MagicRing L-key Set, In ErgoStar
Holder Blade Chrome-V-Moly, hardened, hard chrome finish.
Item No.
lbs.
66992
Set includes Inch & Metric:
2.02
66990 Set - 1.5*, 2.0*, 2.5*, 3.0, 4.0, 5.0, 6.0, 8.0, 10.0mm
66991 Set - .050*, 1/16*, 5/64*, 3/32*, 7/64*, 1/8, 9/64, 5/32,
3/16, 7/32, 1/4, 5/16, 3/8”
* Standard Ball - No Ring
66992
Hard Chrome Finish
Hard Chrome Finish
Hard Chrome Finish
Hard
Chrome
Finish
669
4
MagicRing Ball End Hex Keys
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com