Electronic Components Datasheet Search
  English  ▼

X  

33480 Datasheet(PDF) 34 Page - Wiha Tools

Part # 33480
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33480 Datasheet(HTML) 34 Page - Wiha Tools

Back Button 33480 Datasheet HTML 30Page - Wiha Tools 33480 Datasheet HTML 31Page - Wiha Tools 33480 Datasheet HTML 32Page - Wiha Tools 33480 Datasheet HTML 33Page - Wiha Tools 33480 Datasheet HTML 34Page - Wiha Tools 33480 Datasheet HTML 35Page - Wiha Tools 33480 Datasheet HTML 36Page - Wiha Tools 33480 Datasheet HTML 37Page - Wiha Tools 33480 Datasheet HTML 38Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
34
XSelector Bit Sets
These handy sets include 10 hardened bits of chrome-vanadium-
molybdenum steel. 1/4” Quick Release holder can be used in power
tools. Quick bit access through integrated bit-clamp.
Wiha XSelector Bit Sets
Compact size and easy bit selection make the
Wiha XSelector an ideal maintenance tool
Easy bit access
with hinged
cover
XSelector Pocket Sized
3-1/8” x 2-1/8” x 1/2”
Sets include Clicfix quick
release holder
794 Sets
79446
XSelector Bit Set With Hex Inch Bits
Set Includes Quick Release Holder
lbs.
and the following 10 bits:
.27
Hex Inch: 1/16, 5/64, 3/32, 7/64,
1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
PokitPak - Security Hex Insert Bits In Molded Case -
Set includes 6 - 1/4” Insert Bits
Metric Security Hex:
lbs.
2.5, 3.0, 4.0, 5.0, 6.0, 8.0mm
.31
71995
74986
Power Bit Belt Pack With Inch & Metric Hex Bits
Set includes the following 10 bits:
Inch: 1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
lbs.
Metric: 3.0, 4.0, 5.0, 6.0mm
.34
74989
Power Bit Belt Pack With Screw Holding Hex MagicRing Bits
Set includes the following 10 bits:
Inch: 1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
lbs.
Metric: 3.0, 4.0, 5.0, 6.0mm
.34
Wiha Power Bit Belt Packs
Wiha Security Hex Inch & Metric PokitPaks
PokitPak - Security Hex Inch Insert Bits In Molded Case -
Set includes 6 - 1/4” Insert Bits
Inch Security Hex:
lbs.
3/32, 7/64, 1/8, 9/64, 5/32, 3/16”
.12
71998
74999
Power Bit Belt Pack With Screw Holding Inch & Metric
Ball End Hex MagicRing Bits
Set includes the following 10 bits:
Inch: 1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
lbs.
Metric: 3.0, 4.0, 5.0, 6.0mm
.37
Screw Holding
Hex Bits
Wiha Security Hex Inch Multi Bit Set
Security Hex Inch Multi-Bit Screwdriver, 6 Pc. Set
With Wiha Powerhandle & CVM steel, hardened shaft.
Set includes the following 1/4” bits:
Security Hex: 3/32, 1/8, 5/32, 3/16, 7/32”
lbs. .39
38014
Screw Holding
Hex Bits
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com