Electronic Components Datasheet Search
  English  ▼

X  

33480 Datasheet(PDF) 37 Page - Wiha Tools

Part # 33480
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33480 Datasheet(HTML) 37 Page - Wiha Tools

Back Button 33480 Datasheet HTML 33Page - Wiha Tools 33480 Datasheet HTML 34Page - Wiha Tools 33480 Datasheet HTML 35Page - Wiha Tools 33480 Datasheet HTML 36Page - Wiha Tools 33480 Datasheet HTML 37Page - Wiha Tools 33480 Datasheet HTML 38Page - Wiha Tools 33480 Datasheet HTML 39Page - Wiha Tools 33480 Datasheet HTML 40Page - Wiha Tools 33480 Datasheet HTML 41Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
37
Wiha Terminator Hex Inch & Metric Impact Bits - Insert & Power
Hex Inch Terminator Impact Bits,
1/4” Insert - 10 bit pack
Item
No.
Inch
mm
pkg.
76530
1/8
29
10
76531
9/64
29
10
76532
5/32
29
10
76533
3/16
29
10
76534
7/32
29
10
76535
1/4
29
10
765
Hex Metric Terminator Impact Bits,
1/4” Insert - 10 bit pack
Item
No.
Inch
mm
pkg.
76523
3.0
29
10
76524
4.0
29
10
76525
5.0
29
10
76526
6.0
29
10
765
Hex Inch Terminator Impact Bits,
1/4” Power - 10 bit pack
Item
No.
Inch
mm
pkg.
76570
1/8
49
10
76571
9/64
49
10
76572
5/32
49
10
76573
3/16
49
10
76574
7/32
49
10
76575
1/4
49
10
765
Hex Metric Terminator Impact Bits,
1/4” Power - 10 bit pack
Item
No.
Inch
mm
pkg.
76563
3.0
49
10
76564
4.0
49
10
76565
5.0
49
10
76566
6.0
49
10
765
Hex Inch Terminator Impact Bits,
1/4” Insert - 2 bit pack
Item
No.
Inch
mm
pkg.
76830
1/8
29
2
76831
9/64
29
2
76832
5/32
29
2
76833
3/16
29
2
76834
7/32
29
2
76835
1/4
29
2
768
Hex Metric Terminator Impact Bits,
1/4” Insert - 2 bit pack
Item
No.
Inch
mm
pkg.
76823
3.0
29
2
76824
4.0
29
2
76825
5.0
29
2
76826
6.0
29
2
768
Hex Inch Terminator Impact Bits,
1/4” Power - 2 bit pack
Item
No.
Inch
mm
pkg.
76870
1/8
49
2
76871
9/64
49
2
76872
5/32
49
2
76873
3/16
49
2
76874
7/32
49
2
76875
1/4
49
2
768
Hex Metric Terminator Impact Bits,
1/4” Power - 2 bit pack
Item
No.
Inch
mm
pkg.
76863
3.0
49
2
76864
4.0
49
2
76865
5.0
49
2
76866
6.0
49
2
768
Impact rated bits for long life in impact applications
Provide up to 30 times impact performance over
standard bits
Standard 1/4” drive - No special adaptor required
Wiha enhanced bi-material torsion zone
Precision machined exact fit tips
Wiha exclusive CVM tool steel
Guaranteed to out perform impact imposters
Up To 30X
Performance Over
Standard
Screwdriver Bits
Dual material
impact absorbing
torsion zone
Up To 30X Performance
Over Standard Screwdriver Bits
1/4” Drive Insert & Power Bits
7 Pc. Bit Buddy Set With
Terminator Impact Insert Bits - 29mm
76893
Set includes the following bits:
Hex Inch: 5/32, 3/16, 7/32, 1/4”
Hex Metric: 4, 5, 6mm
76893
7 Pc. Bit Buddy Set With
Terminator Impact Power Bits - 49mm
76894
Set includes the following bits:
Hex Inch: 5/32, 3/16, 7/32, 1/4”
Hex Metric: 4, 5, 6mm
76894
Empty Bit Buddy Case Holds
Terminator Impact Power Bits
91313
Holds 7 Impact Bits
91313
Empty Bit Buddy Case Holds
Terminator Impact Insert Bits
91247
Holds 7 Impact Bits
91247
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com