Electronic Components Datasheet Search
  English  ▼

X  

33480 Datasheet(PDF) 32 Page - Wiha Tools

Part # 33480
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33480 Datasheet(HTML) 32 Page - Wiha Tools

Back Button 33480 Datasheet HTML 28Page - Wiha Tools 33480 Datasheet HTML 29Page - Wiha Tools 33480 Datasheet HTML 30Page - Wiha Tools 33480 Datasheet HTML 31Page - Wiha Tools 33480 Datasheet HTML 32Page - Wiha Tools 33480 Datasheet HTML 33Page - Wiha Tools 33480 Datasheet HTML 34Page - Wiha Tools 33480 Datasheet HTML 35Page - Wiha Tools 33480 Datasheet HTML 36Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
32
Wiha Torque Ratchet Bit Sets
Pistol Grip Handle ergonomic design with free running
mechanism. Instant clutch engagement allows constant
turning pressure on the fastener.
No release
of handle is needed, change of direction
can be made with index finger and thumb.
Allows for quick adjustment to right, left
or fixed turning.
Hex Retainer
for bit holder
blades
Smooth, high torque, silent ratchet handle
Opens a new generation of easier
torque transmission
28298
12 Piece Hex Inch Topra Ratchet Bit Set
Set includes Topra Handle, Magnetic bit
holder and the following bits:
lbs.
Inch: 1/16, 5/64, 3/32, 7/64, 1/8,
.65
9/64, 5/32, 3/16, 7/32, 1/4”
10 Piece Hex Metric Topra Ratchet Bit Set
Set includes Topra Handle, Magnetic bit
holder and the following bits:
lbs.
Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0mm
.65
28299
Ball End Hex SoftFinish® CushionGrip Stubby Bit Holder
with Wiha cushion grip handle and CVM tool steel shaft.
Set includes the following 1/4” bits:
Ball End Hex Inch: 1/8, 9/64, 5/32,
lbs.
3/16, 7/32, 1/4”
.21
38056
Just 2.5” over all length
Stubby 6 in 1
Multi-Bit Driver
Sets
Bits
hardened
for extreme
durability
Ergo soft grip
handles
Stainless steel
bit holder
Wiha Cushion Grip Stubby Bit Holder
Hex Metric SoftFinish® CushionGrip Stubby Bit Holder
with Wiha cushion grip handle and CVM tool steel shaft.
Set includes the following 1/4” bits:
Hex Metric: 2.0, 2.5, 3.0
lbs.
4.0, 5.0, 6.0mm
.18
38057
Hex Inch SoftFinish® CushionGrip Stubby Bit Holder
with Wiha cushion grip handle and CVM tool steel shaft.
Set includes the following 1/4” bits:
Hex Inch: 3/32, 7/64, 1/8,
lbs.
9/64, 5/32, 3/16”
.18
38058
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com