Electronic Components Datasheet Search
  English  ▼

X  

LTC3526B Datasheet(PDF) 6 Page - Analog Devices

Part # LTC3526B
Description  500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm × 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3526B Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC3526B Datasheet HTML 2Page - Analog Devices LTC3526B Datasheet HTML 3Page - Analog Devices LTC3526B Datasheet HTML 4Page - Analog Devices LTC3526B Datasheet HTML 5Page - Analog Devices LTC3526B Datasheet HTML 6Page - Analog Devices LTC3526B Datasheet HTML 7Page - Analog Devices LTC3526B Datasheet HTML 8Page - Analog Devices LTC3526B Datasheet HTML 9Page - Analog Devices LTC3526B Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3526/LTC3526B
6
Rev. E
For more information www.analog.com
SW(Pin1):SwitchPin.ConnectinductorbetweenSWand
VIN. Keep PCB trace lengths as short and wide as possible
to reduce EMI. If the inductor current falls to zero or SHDN
is low, an internal anti-ringing switch is connected from
SW to VIN to minimize EMI.
GND (Pin 2): Signal and Power Ground. Provide a short
direct PCB path between GND and the (–) side of the input
and output capacitors.
VIN (Pin 3): Input Supply Pin. Connect a minimum of 1µF
ceramic decoupling capacitor from this pin to ground
using short direct PCB traces.
SHDN (Pin 4): Logic Controlled Shutdown Input. There
is an internal 4MΩ pull-down on this pin.
• SHDN = High: Normal operation
• SHDN = Low: Shutdown, quiescent current < 1µA
FB (Pin 5): Feedback Input to the gm Error Amplifier.
Connect resistor divider tap to this pin. The top of the
divider connects to the output capacitor, the bottom of the
divider connects to GND. Referring to the Block Diagram,
the output voltage can be adjusted from 1.6V to 5.25V by:
VV
R
R
OUT
=+
1 195
1
2
1
.•
VOUT(Pin6):Outputvoltagesenseanddrainoftheinternal
synchronous rectifier. PCB trace from VOUT to the output
filter capacitor (4.7µF minimum) should be as short and
wide as possible.
GND (Exposed Pad Pin 7): The Exposed Pad must be sol-
dered to the PCB ground plane. It serves as an additional
ground connection and as a means of conducting heat
away from the package.
Load Step Response (from Burst
Mode Operation)
Load Step Response
(Fixed Frequency)
LOAD
CURRENT
50mA/DIV
100µs/DIV
VIN = 1.2V
VOUT = 3.3V
50mA TO 100mA STEP
COUT = 10µF
3526 G21
VOUT
100mV/DIV
AC-COUPLED
LOAD
CURRENT
50mA/DIV
50µs/DIV
VIN = 1.2V
VOUT = 3.3V
5mA TO 100mA STEP
COUT = 10µF
3526 G22
VOUT
100mV/DIV
AC-COUPLED
TYPICAL PERFORMANCE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com