Electronic Components Datasheet Search
  English  ▼

X  

LTC3526B Datasheet(PDF) 12 Page - Analog Devices

Part # LTC3526B
Description  500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm × 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3526B Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC3526B Datasheet HTML 8Page - Analog Devices LTC3526B Datasheet HTML 9Page - Analog Devices LTC3526B Datasheet HTML 10Page - Analog Devices LTC3526B Datasheet HTML 11Page - Analog Devices LTC3526B Datasheet HTML 12Page - Analog Devices LTC3526B Datasheet HTML 13Page - Analog Devices LTC3526B Datasheet HTML 14Page - Analog Devices LTC3526B Datasheet HTML 15Page - Analog Devices LTC3526B Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC3526/LTC3526B
12
Rev. E
For more information www.analog.com
1-Cell to 1.8V Converter with <1mm Maximum Height
1-Cell to 2.85V Converter
1-Cell to 3.3V
SW
VIN
1.78M
4.7µH
1M
1µF
4.7µF
3526 TA01a
LTC3526
SHDN
VOUT
FB
VIN
1.6V TO 3.2V
VOUT
3.3V
200mA
OFF ON
GND
SW
VIN
1.4M
4.7µH*
1M
*SUMIDA CDRH3D16-4R7
1µF
10µF
3526 TA03a
LTC3526
SHDN
VOUT
FB
VIN
1V TO 1.6V
VOUT
2.85V
100mA
OFF ON
GND
SW
VIN
1.78M
4.7µH*
1M
*TAIYO-YUDEN NP03SB4R7M
1µF
10µF
22pF
3526 TA04a
LTC3526
SHDN
VOUT
FB
VIN
1V TO 1.6V
VOUT
3.3V
75mA
OFF ON
GND
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
3526 TA02b
30
20
10
0
90
100
VIN = 1.5V
VIN = 1.2V
VIN = 0.9V
VOUT = 1.8V
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
3526 TA03b
30
20
10
0
90
100
VIN = 1.5V
VIN = 1.2V
VIN = 0.9V
VOUT = 2.85V
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
3526 TA04b
30
20
10
0
90
100
VIN = 1.5V
VIN = 1.2V
VIN = 0.9V
VOUT = 3.3V
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com