Electronic Components Datasheet Search
  English  ▼

X  

LTC3526B Datasheet(PDF) 8 Page - Analog Devices

Part # LTC3526B
Description  500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm × 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3526B Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC3526B Datasheet HTML 4Page - Analog Devices LTC3526B Datasheet HTML 5Page - Analog Devices LTC3526B Datasheet HTML 6Page - Analog Devices LTC3526B Datasheet HTML 7Page - Analog Devices LTC3526B Datasheet HTML 8Page - Analog Devices LTC3526B Datasheet HTML 9Page - Analog Devices LTC3526B Datasheet HTML 10Page - Analog Devices LTC3526B Datasheet HTML 11Page - Analog Devices LTC3526B Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC3526/LTC3526B
8
Rev. E
For more information www.analog.com
is internally connected to the 1.195V reference and the
negative input is connected to FB. Clamps limit the mini-
mumandmaximumerrorampoutputvoltageforimproved
large-signal transient response. Power converter control
loop compensation is provided internally. An external
resistive voltage divider from VOUT to ground programs
the output voltage via FB from 1.6V to 5.25V.
L
VV
V
RippleV
IN MIN
OUT MAXINMIN
OUT
>
()
()
()
()
(
•–
•
M
MAX)
Current Sensing
Lossless current sensing converts the peak current sig-
nal of the N-channel MOSFET switch into a voltage that
is summed with the internal slope compensation. The
summed signal is compared to the error amplifier output
to provide a peak current control command for the PWM.
Current Limit
The current limit comparator shuts off the N-channel
MOSFET switch once its threshold is reached. The cur-
rent limit comparator delay to output is typically 60ns.
Peak switch current is limited to approximately 700mA,
independent of input or output voltage, unless VOUT falls
below 0.7V, in which case the current limit is cut in half.
Zero Current Comparator
Thezerocurrentcomparatormonitorstheinductorcurrent
to the output and shuts off the synchronous rectifier when
thiscurrentreducestoapproximately30mA.Thisprevents
the inductor current from reversing in polarity, improving
efficiency at light loads.
(Refer to Block Diagram)
OPERATION
ZETEX ZC2811E
3526 F01
LTC3526/LTC3526B
SHDN
VIN
VCNTRL
4M
±30%
LTC3526/LTC3526B
SHDN
4M
±30%
1M
R
VCNTRL
1M
R > (VCNTRL/(VIN + 0.4) – 1)M
Figure 1. Recommended Shutdown Circuits when Driving
SHDN above VIN
theinputby0.24V,theICpowersitselffromVOUTinsteadof
VIN. At this point the internal circuitry has no dependency
on the VIN input voltage, eliminating the requirement for
a large input capacitor. The input voltage can drop as low
as 0.5V. The limiting factor for the application becomes
the availability of the power source to supply sufficient
energy to the output at low voltages, and maximum duty
cycle, which is clamped at 90% typical. Note that at low
input voltages, small voltage drops due to series resis-
tance become critical, and greatly limit the power delivery
capability of the converter.
LOW NOISE FIXED FREQUENCY OPERATION
Soft-Start
TheLTC3526/LTC3526Bcontaininternalcircuitrytoprovide
soft-start operation. The soft-start circuitry slowly ramps
the peak inductor current from zero to its peak value of
700mA (typical) in approximately 0.5ms, allowing start-
up into heavy loads. The soft-start circuitry is reset in the
event of a shutdown command or a thermal shutdown.
Oscillator
Aninternaloscillatorsetstheswitchingfrequencyto1MHz.
Shutdown
Shutdown is accomplished by pulling the SHDN pin below
0.3V and enabled by pulling the SHDN pin above 0.8V
typical. Although SHDN can be driven above VIN or VOUT
(up to the absolute maximum rating) without damage,
the LTC3526/LTC3526B have a proprietary test mode that
may be engaged if SHDN is held in the range of 0.5V to
1V higher than the greater of VIN or VOUT. If the test mode
is engaged, normal PWM switching action is interrupted,
which can cause undesirable operation in some appli-
cations. Therefore, in applications where SHDN may be
driven above VIN, a resistor divider or other means must
be employed to keep the SHDN voltage below (VIN + 0.4V)
to prevent the possibility of the test mode being engaged.
Please refer to Figure 1 for two possible implementations.
Error Amplifier
The positive input of the transconductance error amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com