Electronic Components Datasheet Search
  English  ▼

X  

LTC3526B Datasheet(PDF) 9 Page - Analog Devices

Part # LTC3526B
Description  500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm × 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3526B Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC3526B Datasheet HTML 5Page - Analog Devices LTC3526B Datasheet HTML 6Page - Analog Devices LTC3526B Datasheet HTML 7Page - Analog Devices LTC3526B Datasheet HTML 8Page - Analog Devices LTC3526B Datasheet HTML 9Page - Analog Devices LTC3526B Datasheet HTML 10Page - Analog Devices LTC3526B Datasheet HTML 11Page - Analog Devices LTC3526B Datasheet HTML 12Page - Analog Devices LTC3526B Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3526/LTC3526B
9
Rev. E
For more information www.analog.com
Synchronous Rectifier
To control inrush current and to prevent the inductor
current from running away when VOUT is close to VIN, the
P-channel MOSFET synchronous rectifier is only enabled
when VOUT > (VIN + 0.24V).
Anti-Ringing Control
The anti-ringing control connects a resistor across the
inductor to prevent high frequency ringing on the SW pin
during discontinuous current mode operation. Although
the ringing of the resonant circuit formed by L and CSW
(capacitance on SW pin) is low energy, it can cause EMI
radiation.
Output Disconnect
The LTC3526/LTC3526B are designed to allow true output
disconnect by eliminating body diode conduction of the
internal P-channel MOSFET rectifier. This allows for VOUT
to go to zero volts during shutdown, drawing no current
from the input source. It also allows for inrush current
limiting at turn-on, minimizing surge currents seen by the
input supply. Note that to obtain the advantages of output
disconnect, there must not be an external Schottky diode
connected between the SW pin and VOUT. The output dis-
connect feature also allows VOUTtobepulledhigh,without
any reverse current into a battery connected to VIN.
Thermal Shutdown
If the die temperature exceeds 160°C, the LTC3526/
LTC3526B will go into thermal shutdown. All switches
will be off and the soft-start capacitor will be discharged.
The device will be enabled again when the die temperature
drops by about 15°C.
Burst Mode OPERATION
TheLTC3526willautomaticallyenterBurstModeoperation
at light load and return to fixed frequency PWM mode
when the load increases. Refer to the Typical Perfor-
mance Characteristics to see the output load Burst Mode
threshold current vs VIN. The load current at which Burst
Mode operation is entered can be changed by adjusting
the inductor value. Raising the inductor value will lower
the load current at which Burst Mode operation is entered.
In Burst Mode operation, the LTC3526 still switches at a
fixed frequency of 1MHz, using the same error amplifier
and loop compensation for peak current mode control.
This control method eliminates any output transient when
switchingbetweenmodes.InBurstModeoperation,energy
is delivered to the output until it reaches the nominal reg-
ulation value, then the LTC3526 transitions to sleep mode
where the outputs are off and the LTC3526 consumes only
9µA of quiescent current from VOUT. When the output
voltagedroopsslightly,switchingresumes.Thismaximizes
efficiency at very light loads by minimizing switching and
quiescent losses. Burst Mode output voltage ripple, which
is typically 1% peak-to-peak, can be reduced by using
more output capacitance (10µF or greater), or with a small
capacitor (10pF to 50pF) connected between VOUT and FB.
As the load current increases, the LTC3526 will automati-
cally leave Burst Mode operation. Note that larger output
capacitorvaluesmaycausethistransitiontooccuratlighter
loads.OncetheLTC3526hasleftBurstModeoperationand
returned to normal operation, it will remain there until the
output load is reduced below the burst threshold.
Burst Mode operation is inhibited during start-up and
soft-start and until VOUT is at least 0.24V greater than VIN.
The LTC3526B features continuous PWM operation at
1MHz. At very light loads, the LTC3526B will exhibit pulse-
skip operation.
(Refer to Block Diagram)
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com