Electronic Components Datasheet Search
  English  ▼

X  

LTC3526B Datasheet(PDF) 11 Page - Analog Devices

Part # LTC3526B
Description  500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm × 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3526B Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC3526B Datasheet HTML 7Page - Analog Devices LTC3526B Datasheet HTML 8Page - Analog Devices LTC3526B Datasheet HTML 9Page - Analog Devices LTC3526B Datasheet HTML 10Page - Analog Devices LTC3526B Datasheet HTML 11Page - Analog Devices LTC3526B Datasheet HTML 12Page - Analog Devices LTC3526B Datasheet HTML 13Page - Analog Devices LTC3526B Datasheet HTML 14Page - Analog Devices LTC3526B Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3526/LTC3526B
11
Rev. E
For more information www.analog.com
inductor current without saturating. Molded chokes and
some chip inductors usually do not have enough core
area to support the peak inductor currents of 700mA
seen on the LTC3526/LTC3526B. To minimize radiated
noise, use a shielded inductor. See Table 1 for suggested
components and suppliers.
Table 1. Recommended Inductors
VENDOR
PART/STYLE
Coilcraft
(847) 639-6400
www.coilcraft.com
LPO4815
LPS4012, LPS4018
MSS5131
MSS4020
MOS6020
ME3220
DS1605, DO1608
Coiltronics
www.cooperet.com
SD10, SD12, SD14, SD18, SD20,
SD52, SD3114, SD3118
FDK
(408) 432-8331
www.fdk.com
MIP3226D4R7M, MIP3226D3R3M
MIPF2520D4R7
MIPWT3226D3R0
Murata
(714) 852-2001
www.murata.com
LQH43C
LQH32C (-53 series)
301015
Sumida
(847) 956-0666
www.sumida.com
CDRH5D18
CDRH2D14
CDRH3D16
CDRH3D11
CR43
CMD4D06-4R7MC
CMD4D06-3R3MC
Taiyo-Yuden
www.t-yuden.com
NP03SB
NR3015T
NR3012T
TDK
(847) 803-6100
www.component.tdk.com
VLP
VLF, VLCF
Toko
(408) 432-8282
www.tokoam.com
D412C
D518LC
D52LC
D62LCB
Würth
(201) 785-8800
www.we-online.com
WE-TPC type S, M
Output and Input Capacitor Selection
Low ESR (equivalent series resistance) capacitors should
be used to minimize the output voltage ripple. Multilayer
ceramic capacitors are an excellent choice as they have
extremely low ESR and are available in small footprints.
A 4.7µF to 10µF output capacitor is sufficient for most
applications. Larger values up to 22µF may be used to
obtain extremely low output voltage ripple and improve
transient response. X5R and X7R dielectric materials are
preferred for their ability to maintain capacitance over
wide voltage and temperature ranges. Y5V types should
not be used.
TheinternalloopcompensationoftheLTC3526isdesigned
tobestablewithoutputcapacitorvaluesof4.7µForgreater
(withouttheneedforanyexternalseriesresistor).Although
ceramic capacitors are recommended, low ESR tantalum
capacitors may be used as well.
A small ceramic capacitor in parallel with a larger tantalum
capacitormaybeusedindemandingapplicationsthathave
large load transients. Another method of improving the
transientresponseistoaddasmallfeed-forwardcapacitor
across the top resistor of the feedback divider (from VOUT
to FB). A typical value of 22pF will generally suffice.
LowESRinputcapacitorsreduceinputswitchingnoiseand
reduce the peak current drawn from the battery. It follows
that ceramic capacitors are also a good choice for input
decoupling and should be located as close as possible to
the device. A 2.2µF input capacitor is sufficient for most
applications, although larger values may be used without
limitations.Table2showsalistofseveralceramiccapacitor
manufacturers. Consult the manufacturers directly for de-
tailed information on their selection of ceramic capacitors.
Table 2. Capacitor Vendor Information
SUPPLIER
PHONE
WEBSITE
AVX
(803) 448-9411
www.avxcorp.com
Murata
(714) 852-2001
www.murata.com
Taiyo-Yuden
(408) 573-4150
www.t-yuden.com
TDK
(847) 803-6100
www.component.tdk.com
Samsung
(408) 544-5200
www.sem.samsung.com
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com