Electronic Components Datasheet Search
  English  ▼

X  

LTC3526B Datasheet(PDF) 7 Page - Analog Devices

Part # LTC3526B
Description  500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm × 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3526B Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC3526B Datasheet HTML 3Page - Analog Devices LTC3526B Datasheet HTML 4Page - Analog Devices LTC3526B Datasheet HTML 5Page - Analog Devices LTC3526B Datasheet HTML 6Page - Analog Devices LTC3526B Datasheet HTML 7Page - Analog Devices LTC3526B Datasheet HTML 8Page - Analog Devices LTC3526B Datasheet HTML 9Page - Analog Devices LTC3526B Datasheet HTML 10Page - Analog Devices LTC3526B Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3526/LTC3526B
7
Rev. E
For more information www.analog.com
3
+
–
GATE DRIVERS
AND
ANTI-CROSS
CONDUCTION
LOGIC
CLK
IPK
IPK
COMP
SLOPE
COMP
IZERO
COMP
ERROR AMP
SLEEP COMP
IZERO
WAKE
EXPOSED
PAD
+
–
WELL
SWITCH
MODE
CONTROL
UVLO
VREF
VREF
4M
SHDN
VBEST
START-UP
1MHz
OSC
TSD
THERMAL
SHUTDOWN
SHUTDOWN
ANTI-RING
VSEL
VIN
1
6
SW
VOUT
L1
4.7µH
VB
SHUTDOWN
CLAMP
CSS
VREF
VOUT
5
7
GND
3526 BD
2
FB
R2
COUT
4.7µF
VOUT
1.6V
TO 5.25V
R1
4
CIN
2.2µF
VIN
0.85V
TO 5V
BLOCK DIAGRAM
(Refer to Block Diagram)
OPERATION
The LTC3526/LTC3526B are 1MHz synchronous boost
converters housed in a 6-lead 2mm × 2mm DFN package.
With the ability to start up and operate from inputs less
than 1V, these devices feature fixed frequency, current
mode PWM control for exceptional line and load regula-
tion. The current mode architecture with adaptive slope
compensation provides excellent transient load response,
requiring minimal output filtering. Internal soft-start and
internal loop compensation simplifies the design process
while minimizing the number of external components.
With its low RDS(ON) and low gate charge internal N-chan-
nel MOSFET switch and P-channel MOSFET synchronous
rectifier, the LTC3526 achieves high efficiency over a wide
range of load currents. Automatic Burst Mode operation
maintains high efficiency at very light loads, reducing
the quiescent current to just 9µA. Operation can be best
understood by referring to the Block Diagram.
LOW VOLTAGE START-UP
The LTC3526/LTC3526B include an independent start-up
oscillator designed to start up at an input voltage of 0.85V
(typical).Soft-startandinrushcurrentlimitingareprovided
during start-up, as well as normal mode.
WheneitherVINorVOUTexceeds1.4Vtypical,theICenters
normal operating mode. When the output voltage exceeds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com