Electronic Components Datasheet Search
  English  ▼

X  

LTC3526B Datasheet(PDF) 10 Page - Analog Devices

Part # LTC3526B
Description  500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm × 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3526B Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC3526B Datasheet HTML 6Page - Analog Devices LTC3526B Datasheet HTML 7Page - Analog Devices LTC3526B Datasheet HTML 8Page - Analog Devices LTC3526B Datasheet HTML 9Page - Analog Devices LTC3526B Datasheet HTML 10Page - Analog Devices LTC3526B Datasheet HTML 11Page - Analog Devices LTC3526B Datasheet HTML 12Page - Analog Devices LTC3526B Datasheet HTML 13Page - Analog Devices LTC3526B Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC3526/LTC3526B
10
Rev. E
For more information www.analog.com
VIN > VOUT OPERATION
The LTC3526/LTC3526B will maintain voltage regulation
even when the input voltage is above the desired output
voltage. Note that the efficiency is much lower in this
mode, and the maximum output current capability will
be less. Refer to the Typical Performance Characteristics.
SHORT-CIRCUIT PROTECTION
The LTC3526/LTC3526B output disconnect feature allows
output short circuit while maintaining a maximum inter-
nally set current limit. To reduce power dissipation under
short-circuit conditions, the peak switch current limit is
reduced to 400mA (typical).
SCHOTTKY DIODE
Although it is not required, adding a Schottky diode from
SW to VOUT will improve efficiency by about 2%. Note
that this defeats the output disconnect and short-circuit
protection features.
PCB LAYOUT GUIDELINES
The high speed operation of the LTC3526/LTC3526B
demands careful attention to board layout. A careless
layout will result in reduced performance. Figure 2 shows
the recommended component placement. A large ground
pin copper area will help to lower the die temperature. A
multilayer board with a separate ground plane is ideal, but
not absolutely necessary.
COMPONENT SELECTION
Inductor Selection
The LTC3526/LTC3526B can utilize small surface mount
chip inductors due to their fast 1MHz switching frequency.
Inductor values between 3.3µH and 6.8µH are suitable for
most applications. Larger values of inductance will allow
slightly greater output current capability (and lower the
Burst Mode threshold) by reducing the inductor ripple
current. Increasing the inductance above 10µH will in-
crease size while providing little improvement in output
current capability.
The minimum inductance value is given by:
L
VV
V
RippleV
IN MIN
OUT MAXINMIN
OUT
>
()
()
()
()
(
•–
•
M
MAX)
where:
Ripple = Allowable inductor current ripple (amps peak-
peak)
VIN(MIN) = Minimum input voltage
VOUT(MAX) = Maximum output voltage
The inductor current ripple is typically set for 20% to
40% of the maximum inductor current. High frequency
ferrite core inductor materials reduce frequency depen-
dent power losses compared to cheaper powdered iron
types, improving efficiency. The inductor should have
low ESR (series resistance of the windings) to reduce the
I2R power losses, and must be able to support the peak
Figure 2. Recommended Component Placement for Single Layer Board
+
SW
LTC3526
1
GND
MINIMIZE
TRACE ON FB
AND SW
2
VIN
MULTIPLE VIAS
TO GROUND PLANE
VIN
VOUT
FB
SHDN
3526 F02
3
6
5
4
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com