Electronic Components Datasheet Search
  English  ▼

X  

LTC4331 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC4331
Description  I²C Slave Device Extender Over Rugged Differential Link
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331 Datasheet(HTML) 4 Page - Analog Devices

  LTC4331 Datasheet HTML 1Page - Analog Devices LTC4331 Datasheet HTML 2Page - Analog Devices LTC4331 Datasheet HTML 3Page - Analog Devices LTC4331 Datasheet HTML 4Page - Analog Devices LTC4331 Datasheet HTML 5Page - Analog Devices LTC4331 Datasheet HTML 6Page - Analog Devices LTC4331 Datasheet HTML 7Page - Analog Devices LTC4331 Datasheet HTML 8Page - Analog Devices LTC4331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LTC4331
4
Rev A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Driver
|VOD|
Differential Driver Output Voltage
R = ∞
R = 27Ω (Figure 1)
l
l
1.5
1.5
VCC
5
V
V
IOSD
Maximum Driver Short-Circuit Current
–60V ≤ (A or B) ≤ 60V (Figure 2)
l
±150
±250
mA
Differential Receiver
RIN
Receiver Input Resistance
0 ≤ VCC ≤ 5.5V (Figure 3)
112
kΩ
VCM
Receiver Common Mode Input Voltage
l
±15
V
VTH
Differential Input Signal Threshold
–15V < VCM < 15V (Note 2)
l
±200
mV
Logic
VIH
High Level Input Voltage (ON, CTRL, REMOTE)
1.62V < VL < 5.5V
l
0.8 • VL
V
High Level Input Voltage (SCL, SDA, ALERT)
1.62V < VL < 5.5V
l
1.35
V
High Level Input Voltage (SLO)
3V < VCC < 5.5V
l
0.67 • VCC
V
VIH3ST
High Level Input Voltage (A1, A2, SPEED1, SPEED2)
l
VL – 0.25
V
VIM3ST
Mid Level Input Voltage (A1, A2, SPEED1, SPEED2)
l
0.45 • VL
0.55 • VL
V
VIL3ST
Low Level Input Voltage (A1, A2, SPEED1, SPEED2)
l
0.25
V
VIL
Low Level Input Voltage (ON, CTRL, REMOTE)
1.62V < VL < 5.5V
l
0.2 • VL
V
Low Level Input Voltage (SCL, SDA, ALERT)
1.62V < VL < 5.5V
l
0.8
V
Low Level Input Voltage (SLO)
3V < VCC < 5.5V
l
0.33 • VCC
V
Digital Input Current (SCL, SDA, ALERT)
VIN = 0V to VL
l
±5
µA
Digital Input Current (ON, CTRL, A1, A2, REMOTE,
SPEED1, SPEED2)
VIN = 0V to VL
l
±60
µA
Digital Input Current (SLO)
l
0
±5
µA
VOH
High Level Output Voltage (CTRL)
ILOAD = –500µA
l
VL – 0.2
V
VOL
Low Level Output Voltage (LINK, RDY, ALERT, CTRL)
ILOAD = 500µA
l
0.2
V
Low Level Output Voltage (SCL, SDA)
ILOAD = 20mA
l
0.4
V
IOZ
High-Z Output Leakage Current (SCL, SDA, ALERT, LINK)
l
±5
μA
High-Z Output Leakage Current (RDY)
l
–60
μA
Output Source Current (Short-Circuit) (CTRL)
–80
mA
Output Sink Current (Short-Circuit) (LINK, RDY, ALERT,
CTRL)
80
mA
Short-Circuit Current (SCL, SDA)
100
mA
CIN
Input Pin Capacitance
SCL, SDA (Note 2)
10
pF
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 5V, VL = 3.3V, GND = 0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com