Electronic Components Datasheet Search
  English  ▼

X  

LTC4331 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4331
Description  I²C Slave Device Extender Over Rugged Differential Link
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331 Datasheet(HTML) 3 Page - Analog Devices

  LTC4331 Datasheet HTML 1Page - Analog Devices LTC4331 Datasheet HTML 2Page - Analog Devices LTC4331 Datasheet HTML 3Page - Analog Devices LTC4331 Datasheet HTML 4Page - Analog Devices LTC4331 Datasheet HTML 5Page - Analog Devices LTC4331 Datasheet HTML 6Page - Analog Devices LTC4331 Datasheet HTML 7Page - Analog Devices LTC4331 Datasheet HTML 8Page - Analog Devices LTC4331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
LTC4331
3
Rev A
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
VCC........................................................... –0.3V to 6V
VL ............................................................ –0.3V to 6V
Logic Signals
ON, LINK, RDY, SCL, SDA,
ALERT, SLO .............................................. –0.3V to 6V
REMOTE, A1, A2, CTRL,
SPEED1, SPEED2................ –0.3V to 6.3 or VL + 0.3V
Interface I/O: A,B ........................................ –60V to 60V
Operating Ambient Temperature Range
LTC4331C ................................................ 0°C to 70°C
LTC4331I .............................................–40°C to 85°C
LTC4331H.......................................... –40°C to 125°C
Storage Temperature Range .............. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Note 1)
20 19 18 17
7
8
TOP VIEW
21
GND
UFD PACKAGE
20-LEAD (4mm × 5mm) PLASTIC QFN
TJMAX = 150°C, θJA = 43°C/W, θJC = 3.4°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
9 10
6
5
4
3
2
1
11
12
13
14
15
16
VCC
VL
ON
REMOTE
LINK
RDY
GND
SPEED2
SPEED1
CTRL
A2
A1
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4331CUFD#PBF
LTC4331CUFD#TRPBF
4331
20-Lead (4mm × 5mm) Plastic QFN
0°C to 70°C
LTC4331IUFD#PBF
LTC4331IUFD#TRPBF
4331
20-Lead (4mm × 5mm) Plastic QFN
–40°C to 85°C
LTC4331HUFD#PBF
LTC4331HUFD#TRPBF
4331
20-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supplies
VCC
Operating Supply Range
l
3
5.5
V
ICC
Operating Supply Current
Low Power: ON = 0
Idle: ON = 1, I2C Bus Idle, Link = Fm+
Active: I2C Transaction
l
l
l
1
40
12
65
µA
mA
mA
VL
Logic Supply Range
l
1.62
5.5
V
IL
Logic Supply Current
l
140
µA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 5V, VL = 3.3V, GND = 0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com