Electronic Components Datasheet Search
  English  ▼

X  

LTC4331 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC4331
Description  I²C Slave Device Extender Over Rugged Differential Link
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC4331 Datasheet HTML 3Page - Analog Devices LTC4331 Datasheet HTML 4Page - Analog Devices LTC4331 Datasheet HTML 5Page - Analog Devices LTC4331 Datasheet HTML 6Page - Analog Devices LTC4331 Datasheet HTML 7Page - Analog Devices LTC4331 Datasheet HTML 8Page - Analog Devices LTC4331 Datasheet HTML 9Page - Analog Devices LTC4331 Datasheet HTML 10Page - Analog Devices LTC4331 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
LTC4331
7
Rev A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
ICC vs Temperature Burst I2C
Write Traffic
ICC vs Temperature Burst I2C
Read Traffic
ICC vs Temperature I2C Bus Idle
TA = 25°C, VCC = 5V, VL = 3.3V, GND = 0V, unless
otherwise noted.
ON, CTRL, and REMOTE Inputs
VIL and VIH vs VL Supply
CTRL Output (2mA and 4mA)
VOL and VOH vs VL Supply
I2C SCL and SDA Input
VIL and VIH vs VL Supply
I2C SCL and SDA Output
VOL at 20mA vs Temperature
A/B Driver Output Low/High
Voltage vs Output Current
A/B Driver Differential Output
Voltage vs Temperature
REMOTE = 0
1MHz SCL
SPD IDX = 0
SPD IDX = 1
SPD IDX = 2
SPD IDX = 3
SPD IDX = 4
SPD IDX = 5
SPD IDX = 6
SPD IDX = 7
SPD IDX = 8
AMBIENT TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
26
30
34
38
42
46
50
54
58
4331 G01
=
REMOTE = 1
1MHz SCL
SPD IDX = 0
SPD IDX = 1
SPD IDX = 2
SPD IDX = 3
SPD IDX = 4
SPD IDX = 5
SPD IDX = 6
SPD IDX = 7
SPD IDX = 8
AMBIENT TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
38
40
42
44
46
48
50
52
54
56
4331 G02
VOH 2mA
VOL 2mA
VOH 4mA
VOL 4mA
LOGIC SUPPLY VOLTAGE VL (V)
1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
0
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
5.50
4331 G05
REMOTE = 0
SPD IDX = 0
SPD IDX = 1
SPD IDX = 2
SPD IDX = 3
SPD IDX = 4
SPD IDX = 5
SPD IDX = 6
SPD IDX = 7
SPD IDX = 8
AMBIENT TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
7.0
7.4
7.8
8.2
8.6
9.0
9.4
9.8
10.2
4331 G03
OUTPUT CURRENT (mA)
0
0.0
2.0
1.5
1.0
0.5
2.5
3.0
3.5
10
20
30
40
4331 G08
50
VOH
VOL
VIH
VIL
LOGIC SUPPLY VOLTAGE VL (V)
1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
4331 G06
VIH
VIL
LOGIC SUPPLY VOLTAGE VL (V)
1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
0
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
5.50
4331 G04
TEMPERATURE (°C)
–50
1.5
1.9
1.7
2.1
2.3
2.5
0
50
100
4331 G09
150
RDIFF = 100
RDIFF = 54
AMBIENT TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
100
150
200
250
300
350
400
4331 G07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com