Electronic Components Datasheet Search
  English  ▼

X  

LTC4331 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC4331
Description  I²C Slave Device Extender Over Rugged Differential Link
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC4331 Datasheet HTML 4Page - Analog Devices LTC4331 Datasheet HTML 5Page - Analog Devices LTC4331 Datasheet HTML 6Page - Analog Devices LTC4331 Datasheet HTML 7Page - Analog Devices LTC4331 Datasheet HTML 8Page - Analog Devices LTC4331 Datasheet HTML 9Page - Analog Devices LTC4331 Datasheet HTML 10Page - Analog Devices LTC4331 Datasheet HTML 11Page - Analog Devices LTC4331 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
LTC4331
8
Rev A
For more information www.analog.com
PIN FUNCTIONS
Logic (All Logic Side Inputs and Outputs Referenced
to GND and VL Except SLO, which Is Referenced to
GND and VCC)
VCC (Pin 1): Supply Voltage. 3V < VCC < 5.5V. Bypass with
4.7μF ceramic capacitor to GND.
VL (Pin 2): Logic Supply Voltage. 1.62V < VL < 5.5V.
Bypass with 1μF ceramic capacitor to GND.
ON (Pin 3): Enable Input. Set high for operation. Set low
for low power mode, in which the internal reset is held
and outputs are disabled. Connect to VL if unused.
REMOTE (Pin 4): Operating Mode Select Input. Set low
for local I2C slave mode. Set high for I2C master mode
when used on the remote side. REMOTE is weakly pulled
to GND.
LINK (Pin 5): Link Status Open-Drain Output. When in
remote mode, LINK is driven low when the device estab-
lishes link communication. When in local mode, LINK is
driven low after the LTC4331’s I2C interface has joined the
I2C bus in addition to establishing link communication.
The link status function is only valid when an LTC4331
configured to local mode (REMOTE set low) connects to
a second LTC4331 configured to remote mode (REMOTE
set high). Connect to an external pull-up to VL to monitor
status, otherwise float or connect to GND.
RDY (Pin 6): I2C Ready Status Open-Drain Output. RDY
is driven low after the device’s I2C interface has joined the
bus. Use to detect when the LTC4331’s control interface
is available in the absence of a connected link. RDY has
a weak internal pull-up to VL and is only valid when in
local mode. In remote mode the pin can be unconnected.
SCL (Pin 7): I2C Serial Clock. Low side output driver and
input. Connect to an external pull-up.
SDA (Pin 8): I2C Serial Data. Low side output driver and
input. Connect to an external pull-up.
NC (Pins 9, 20): Unconnected Pins. Float or connect to
GND.
ALERT (Pin 10): SMBALERT/Interrupt. ALERT is an open-
drain output in local mode and an input in remote mode.
Values set on the remote side ALERT propagate to the
local side ALERT pin. In addition, ALERT is the SMBALERT
function for the local side’s I2C control interface when
enabled. The ALERT pin switches to a level-sensitive active
low interrupt signal when register field INTR_MODE = 1.
Connect to an external pull-up on the local side. Do not
allow the ALERT pin to float on the remote side.
A1 (Pin 11): I2C Device Address Select 1. A1 is a 3-state
input. A1 in conjunction with A2 selects one of eight pos-
sible I2C addresses assigned to the internal slave device.
Float pins A1 and A2 to disable the internal I2C device. Set
to high, low, or float as defined in Table 4.
A2 (Pin 12): I2C Device Address Select 2. A2 is a 3-State
input. A2 in conjunction with A1 selects one of eight pos-
sible I2C addresses assigned to the internal slave device.
Float pins A1 and A2 to disable the internal I2C device. Set
to high, low, or float as defined in Table 4.
CTRL (Pin 13): Local to Remote Control. Values set on the
local side CTRL pin propagate to the remote side CTRL pin
over the differential link. On the remote side, CTRL is not
driven at startup until the differential link is established.
CTRL has a weak pull-up to VL and can be unconnected
if not used.
SPEED1 (Pin 14): Link and Interface Timing Select 1.
SPEED1 is a 3-state input and in conjunction with SPEED2
selects link baud rate and I2C bus timing. Set to high, low,
or float as defined in Table 2.
SPEED2 (Pin 15): Link and Interface Timing Select 2.
SPEED2 is a 3-state input and in conjunction with SPEED1
selects link baud rate and I2C bus timing. Set to high, low,
or float as defined in Table 2.
GND (Pin 16): Ground.
SLO (Pin 17): Link Slow Mode Input. Set low to limit the
link transmitter slew rate which also limits the maximum
link rate set by SPEED1 and SPEED2. Only valid for SPEED
INDEX 0 and 1. SLO is referenced to GND and VCC. Do not
allow pin SLO to float.
Link
A (Pin 18): Noninverting Link Transceiver Pin.
B (Pin 19): Inverting Link Transceiver Pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com