Electronic Components Datasheet Search
  English  ▼

X  

LTC4331 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC4331
Description  I²C Slave Device Extender Over Rugged Differential Link
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC4331 Datasheet HTML 2Page - Analog Devices LTC4331 Datasheet HTML 3Page - Analog Devices LTC4331 Datasheet HTML 4Page - Analog Devices LTC4331 Datasheet HTML 5Page - Analog Devices LTC4331 Datasheet HTML 6Page - Analog Devices LTC4331 Datasheet HTML 7Page - Analog Devices LTC4331 Datasheet HTML 8Page - Analog Devices LTC4331 Datasheet HTML 9Page - Analog Devices LTC4331 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
LTC4331
6
Rev A
For more information www.analog.com
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, CL = 20pF, VCC = 5V, VL = 3.3V, GND = 0V; unless otherwise noted.
Conditions Fast-mode Plus, Fast-mode, and Standard-mode listed below as Fm+, Fm, and Sm respectively.
SWITCHING CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Guaranteed by design, not production tested.
Note 3: Local SCL frequencies between 1000kHz and 2000kHz are
allowed, however the effective link throughput maximum is 1000kHz. SCL
low clock-stretching by the LTC4331 must be respected.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tHD:DAT:FMASTER
Data Hold from LTC4331
l
50
ns
tHD:DAT:TMASTER
Data Hold to LTC4331
(Note 2)
l
0
ns
tSU:DAT:FMASTER
Data Setup from LTC4331
SPEED1/SPEED2 = Fm+
SPEED1/SPEED2 = Fm
SPEED1/SPEED2 = Sm
l
l
l
50
100
250
ns
ns
ns
tSU:DAT:TMASTER
Data Setup to LTC4331
l
50
ns
tTIMEOUT:MASTER
SCL Low Timeout Detection
l
28
31.5
35
ms
tLOW:MASTER
SCL Low Time
SPEED1/SPEED2 = Fm+
SPEED1/SPEED2 = Fm
SPEED1/SPEED2 = Sm
l
l
l
0.6
1.5
5.8
µs
µs
µs
tHIGH:MASTER
SCL High Time
SPEED1/SPEED2 = Fm+
SPEED1/SPEED2 = Fm
SPEED1/SPEED2 = Sm
l
l
l
0.4
1
3.8
µs
µs
µs
tF
Fall Time (SDA, SCL) (Note 5)
SPEED1/SPEED2 = Fm+
SPEED1/SPEED2 = Fm, Sm
CL = 550pF, RL = 1kΩ (Figure 5) (Note 2)
l
l
l
120
300
25
ns
ns
ns
tR
Rise Time (SDA, SCL) (Note 5)
SPEED1/SPEED2 = Fm+
SPEED1/SPEED2 = Fm, Sm
l
l
120
300
ns
ns
tSPIKE
Noise Spike Suppression Time (SDA, SCL)
l
0
50
ns
Transceiver
tRD, tFD
Driver Rise or Fall Time (Figure 4)
RDIFF = 54Ω, CL = 100pF, SLO = 1
RDIFF = 54Ω, CL = 100pF, SLO = 0
l
l
500
4
800
15
1200
ns
ns
tLINK_TIMEOUT
Response Time for LINK = 1 after Disconnection
REMOTE = 1
REMOTE = 0 (Note 4)
168
96 • SF
ms
µs
System
tALT_PROP
ALERT Propagation Delay, Remote to Local
I2C Bus idle (Note 4)
0.8 • SF 2 • SF 26 • SF
µs
tCTRL_PROP
Local CTRL Propagation Delay to Remote CTRL
I2C Bus idle (Note 4)
0.8 • SF 2 • SF 26 • SF
µs
tSTART_PROP
I2C START Link Propagation Delay, Local to Remote (Note 4)
2 • SF
µs
tLDAT_PROP
I2C DATA Link Propagation Delay, Local to Remote (Note 4)
2 • SF
µs
tSTOP_PROP
I2C STOP Link Propagation Delay, Local to Remote (Note 4)
2 • SF
µs
tRDAT_PROP
I2C DATA Link Propagation Delay, Remote to Local (Note 4)
2 • SF
µs
Note 4: SF = Speed Factor. See Table 3.
Note 5: SCL and SDA rise and fall time measurement limits are defined as
follows:
Rise Time Limit: 0.65V to 1.5V
Fall Time Limit: 1.5V to 0.65V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com