Electronic Components Datasheet Search
  English  ▼

X  

LTC4331 Datasheet(PDF) 19 Page - Analog Devices

Part # LTC4331
Description  I²C Slave Device Extender Over Rugged Differential Link
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331 Datasheet(HTML) 19 Page - Analog Devices

Back Button LTC4331 Datasheet HTML 15Page - Analog Devices LTC4331 Datasheet HTML 16Page - Analog Devices LTC4331 Datasheet HTML 17Page - Analog Devices LTC4331 Datasheet HTML 18Page - Analog Devices LTC4331 Datasheet HTML 19Page - Analog Devices LTC4331 Datasheet HTML 20Page - Analog Devices LTC4331 Datasheet HTML 21Page - Analog Devices LTC4331 Datasheet HTML 22Page - Analog Devices LTC4331 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
LTC4331
19
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 14. Write Byte
Figure 15. Write Byte + PEC
Figure 16. Read Byte
FROM MASTER TO SLAVE
S
W
DEVICE ADDR
REGISTER
DATA
FROM SLAVE TO MASTER
4331 F14
S: START
Sr: REPEATED START
W: WRITE BIT (ACTIVE LOW)
A: (N)ACK BIT
P: STOP
DEVICE ADDRESS = 3Eh. ACCESSING THE CONFIG REGISTER
A
A
A
0
3Eh
00h
01h
0
0
0
P
A
0
S
W
DEVICE ADDR
REGISTER
DATA
PEC
9Ah
4331 F15
A
A
A
0
3Eh
00h
01h
0
0
0
P
A
S
Sr
W
DEVICE ADDR
REGISTER
DATA
4331 F16
A
A
A
0
W
1
3Eh
00h
01h
DEVICE ADDR
3Eh
0
0
0
1
P
Figure 17. Read Byte + PEC
Figure 18. Receive Byte
Figure 19. Receive Byte + PEC
A
S
Sr
W
DEVICE ADDR
REGISTER
DATA
4331 F17
A
A
A
0
W
1
3Eh
00h
01h
DEVICE ADDR
3Eh
0
0
0
1
P
A
0
PEC
96h
S DEVICE ADDR
DATA
4331 F18
A
A
W
1
3Eh
01h
0
1
P
S DEVICE ADDR
DATA
4331 F19
A
A
W
1
3Eh
01h
0
1
P
A
0
PEC
4Ch
Control Interface
The LTC4331 contains an addressable slave device provid-
ing a control interface for configuration and monitoring.
The internal slave is enabled by configuring pins A1 and
A2 to assign the device a unique I2C address. When both
pins are unconnected, the internal slave is disabled. The
internal slave device recognizes the SMBus Write Byte and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com