Electronic Components Datasheet Search
  English  ▼

X  

LTC4331 Datasheet(PDF) 15 Page - Analog Devices

Part # LTC4331
Description  I²C Slave Device Extender Over Rugged Differential Link
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC4331 Datasheet HTML 11Page - Analog Devices LTC4331 Datasheet HTML 12Page - Analog Devices LTC4331 Datasheet HTML 13Page - Analog Devices LTC4331 Datasheet HTML 14Page - Analog Devices LTC4331 Datasheet HTML 15Page - Analog Devices LTC4331 Datasheet HTML 16Page - Analog Devices LTC4331 Datasheet HTML 17Page - Analog Devices LTC4331 Datasheet HTML 18Page - Analog Devices LTC4331 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
LTC4331
15
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
world hazards. The LTC4331 passes the following tests
on the A, B pins:
• IEC 61000-4-2 Edition 2.0 2008-12 ESD Level 4: ±8kV
contact (A or B to GND, direct discharge to bus pins
with transceiver and protection circuit mounted on a
test card with a low impedance ground discharge path
from board GND to ESD gun return lead, per Figure 4
of the standard)
• IEC 61000-4-4 Second Edition 2004-07 EFT Level 4:
±5kV (A or B to GND, 5kHz repetition rate, 15ms burst
duration, 60 second test duration, discharge coupled
to bus pins through 100pF capacitor per paragraph
7.3.2 of the standard). VCC pin requires a low induc-
tance capacitor of at least 4.7µF to meet Level 4 rating.
Startup and Shutdown
Startup occurs when supply voltages are applied to pins
VCC and VL and the ON pin is high. All output pins are tri-
stated during the first part of startup. After an initialization
sequence, the I2C interface and other pins are functional.
The local side LTC4331 monitors the I2C bus for inactivity
and probes the differential link. When the device detects
an idle condition on the local I2C bus, it drives pin RDY
low to indicate that it is ready to respond to I2C transac-
tions. Thereafter a master can access the internal control
interface. In addition, once the device establishes link
communication with a remote LTC4331, it drives pin LINK
low and the remote I2C network can be accessed.
The ON pin can be used to set the LTC4331 to a lower
power state. By setting ON low, the LTC4331 is held in
reset, all programmed configuration is set to the default
value, all output drivers are disabled, and the differential
transceiver is put into low power mode. If not used, tie
ON to VL.
Link Status
The LTC4331 provides the LINK pin which indicates if the
remote I2C network has joined with the local I2C network.
LINK is driven low when bidirectional link communica-
tion is established and the I2C interface is ready. It is an
open-drain output and requires an external pull-up to VL
if used. At startup, the LINK pin output driver is disabled.
Link status can also be monitored using the control inter-
face. See section Control Interface.
Ensure that the values set on local side SPEED1 and
SPEED2 pins match the values set on remote side. Also,
do not exceed the cable length listed in Table 2 for the
given SPEED setting. The LTC4331 will not link if these
conditions are not met.
Note that the link status is indeterminate if the REMOTE
pin is incorrectly configured on either the local or remote
side LTC4331 device.
Ready Status
The RDY pin is driven low when the local side LTC4331
control interface is ready for access. It is an open-drain
output and only valid in local mode. When the device is
first powered and pin ON is set high, the low output driver
on RDY is disabled and the pin is weakly pulled to VL. An
internal I2C bus idle detection circuit prevents the interface
from interrupting an active transaction. This circuit drives
RDY low when either pin SCL is high for tREADY:IDLE or it
detects an I2C STOP which indicates the interface is ready
and has joined the bus. The status of the link connection
does not affect the ready function. If pin LINK is high when
RDY is low, only the local side LTC4331 control interface
is available for access. The RDY pin is internally pulled to
VL. It is valid only in local mode.
A secondary function of RDY indicates if the internal buf-
fer has filled, see section Considerations for more detail.
Interrupt/SMBALERT
The LTC4331 supports an interrupt signal that is mirrored
from the remote network to the local network using the
differential link. On the remote side ALERT is an input pin
that can be connected to remote I2C slave devices. While
on the local side ALERT operates as an open-drain type
output that can be connected to a shared local interrupt
line. ALERT is periodically sampled and has a propagation
time of tALT_PROP.
If enabled, the local LTC4331’s control interface uses the
ALERT pin to report link and fault events. The local side
ALERT output is the logical AND of the remote ALERT and
the internal endpoint interrupt signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com