Electronic Components Datasheet Search
  English  ▼

X  

BQ24151YFFR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24151YFFR
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24151YFFR Datasheet(HTML) 32 Page - Texas Instruments

Back Button BQ24151YFFR Datasheet HTML 28Page - Texas Instruments BQ24151YFFR Datasheet HTML 29Page - Texas Instruments BQ24151YFFR Datasheet HTML 30Page - Texas Instruments BQ24151YFFR Datasheet HTML 31Page - Texas Instruments BQ24151YFFR Datasheet HTML 32Page - Texas Instruments BQ24151YFFR Datasheet HTML 33Page - Texas Instruments BQ24151YFFR Datasheet HTML 34Page - Texas Instruments BQ24151YFFR Datasheet HTML 35Page - Texas Instruments BQ24151YFFR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
OUT
OUT
1
=
o
2
L
C
f
p
´
´
2
2
OUT
OUT
1
C
4
L
0
f
=
p
´
´
2
3 2
-6
OUT
1
C
4
(40
10 )
(1
10 )
=
p
´
´
´
´
(RSNS)
(SNS)
(CHARGE)
V
R
I
=
(SNS)
85mV
R
1.25A
=
BatteryChargeEfficiency
82
83
84
85
86
87
88
89
90
500
600
700
800
900 1000 1100 1200 1300
ChargeCurrent-mA
TOKO
FDK
muRata
Inter-Technical
BatteryChargeLoss
100
200
300
400
500
600
700
800
500
600
700
800
900 1000 1100 1200 1300
ChargeCurrent-mA
T =25°C,
VBUS=5V,
VBAT=3V
A
T =25°C,
VBUS=5V,
VBAT=3V
A
TOKO
FDK
muRata
Inter-Technical
bq24150
bq24151
SLUS824 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
2. Determine the output capacitor value COUT using 40 kHz as the resonant frequency:
COUT = 15.8 µF
Select two 0603 X5R 6.3V 10-
µF ceramic capacitors in parallel i.e., muRata GRM188R60J106M.
3. Determine the sense resistor using the following equation:
The maximum sense voltage across sense resistor is 85 mV. In order to get a better current regulation
accuracy, V(RSNS) should equal 85mV, and calculate the value for the sense resistor.
R(SNS) = 68 mΩ
This is a standard value. If it is not a standard value, then choose the next close value and calculate the real
charge current. Calculate the power dissipation on the sense resistor:
P(RSNS) = I(CHARGE)
2 × R
(SNS)
P(RSNS) = 125
2 × 0.068
P(RSNS) = 0.106 W
Select 0402 0.125-W 68-m
Ω 2% sense resistor, i.e. Panasonic ERJ2BWGR068.
4. Measured efficiency and total power loss for different inductors are shown in Figure 34.
Figure 34. Measured Efficiency and Power Loss
32
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): bq24150 bq24151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com