Electronic Components Datasheet Search
  English  ▼

X  

BQ24151YFFR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24151YFFR
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24151YFFR Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ24151YFFR Datasheet HTML 4Page - Texas Instruments BQ24151YFFR Datasheet HTML 5Page - Texas Instruments BQ24151YFFR Datasheet HTML 6Page - Texas Instruments BQ24151YFFR Datasheet HTML 7Page - Texas Instruments BQ24151YFFR Datasheet HTML 8Page - Texas Instruments BQ24151YFFR Datasheet HTML 9Page - Texas Instruments BQ24151YFFR Datasheet HTML 10Page - Texas Instruments BQ24151YFFR Datasheet HTML 11Page - Texas Instruments BQ24151YFFR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
TYPICAL CHARACTERISTICS
VBUS
2V/div
I
0.5 A/div
BAT
500
S/div
m
Vbus=0–5V,Vbat=3.5VChargemode
VSW
5V/div
VBAT
2V/div
VSW
5V/div
I
0.5 A/div
BAT
1S/div
Vbus=5V,Iin_limit=500mA,
32SMode
VSW
2V/div
IL
0.5 A/div
Vbus=5V Vbat=2.6V,Voreg=4.2V,Ichg=1250mA
,
100nS/div
VBUS
2V/div
VSW
5V/div
I
0.1 A/div
BUS
2mS/div
Vbus=5V@10mA,Iin_limit=100mA,
Vbat=3.2V,Ichg=550mA
VSW
2V/div
I
0.5 A/div
L
2
S/div
m
Vbus=5V,Vbat=3.6VChargemode
operation
VBUS
5V/div
V
1V/div
BAT
500mS/div
OTG
5V/div
I
50mA/div
BAT
V
=0-5V,NoBattery,
C
=100 F,R
=5k
IN
OUT
LOAD
m
W
bq24150
bq24151
SLUS824 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
Using circuit shown in Figure 1, TA = 25°C, unless otherwise specified.
ADAPTER INSERTION
BATTERY INSERTION/REMOVAL
Figure 3.
Figure 4.
PWM CHARGING WAVEFORMS
POOR SOURCE DETECTION
Figure 5.
Figure 6.
BATTERY DETECTION AT POWER UP
CYCLE BY CYCLE CURRENT LIMIT IN CHARGE MODE
Figure 7.
Figure 8.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): bq24150 bq24151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com