Electronic Components Datasheet Search
  English  ▼

X  

BQ24151YFFR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24151YFFR
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24151YFFR Datasheet(HTML) 16 Page - Texas Instruments

Back Button BQ24151YFFR Datasheet HTML 12Page - Texas Instruments BQ24151YFFR Datasheet HTML 13Page - Texas Instruments BQ24151YFFR Datasheet HTML 14Page - Texas Instruments BQ24151YFFR Datasheet HTML 15Page - Texas Instruments BQ24151YFFR Datasheet HTML 16Page - Texas Instruments BQ24151YFFR Datasheet HTML 17Page - Texas Instruments BQ24151YFFR Datasheet HTML 18Page - Texas Instruments BQ24151YFFR Datasheet HTML 19Page - Texas Instruments BQ24151YFFR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
PWM Controller in Charge Mode
Battery Charging Process
Safety Timer in Charge Mode
bq24150
bq24151
SLUS824 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
The bq24150/1 provides an integrated, fixed 3 MHz frequency voltage-mode controller with Feed-Forward
function to regulate charge current or voltage. This type of controller is used to help improve line transient
response, thereby, simplifying the compensation network used for both continuous and discontinuous current
conduction operation. The voltage and current loops are internally compensated using a Type-III compensation
scheme that provides enough phase margin for stable operation, allowing the use of small ceramic capacitors
with low ESR. There is a 0.5-V offset on the bottom of the PWM ramp to allow the device to operate between 0%
to 99.5% duty cycles.
The bq24150/1 has two back to back common-drain N-channel MOSFETs at the high side and one N-channel
MOSFET at low side. An input N-MOSFET (Q1) prevents battery discharge when VBUS is lower than
VAUXPWR. The second high-side N-MOSFET (Q2) behaves as the switching control switch (see Figure 21). A
charge pump circuit is used to provide gate drive for Q1, while a boot strap circuit with external boot-strap
capacitor is used to boost up the gate drive voltage for Q2.
Cycle-by-cycle current limit is sensed through the internal sense MOSFETs for Q2 and Q3. The threshold for Q2
is set to a nominal 1.9-A peak current. The low-side MOSFET (Q3) also has a current limit that decides if the
PWM Controller will operate in synchronous or non-synchronous mode. This threshold is set to 100mA and it
turns off the low-side N-channel MOSFET (Q3) before the current reverses, preventing the battery from
discharging. Synchronous operation is used when the current of the low-side MOSFET is greater than 100mA to
minimize power losses.
At the beginning of precharge, while battery voltage is below the V(SHORT) threshold, the bq24150/1 applies a
short-circuit current, I(SHORT), to the battery.
When the battery voltage is above V(SHORT) and below V(OREG), the charge current ramps up to fast charge
current, IO(CHARGE), or a charge current that corresponds to the input current of I(IN_LIMIT). The slew rate for fast
charge current is controlled to minimize the current and voltage over-shoot during transient. Both the input
current limit (default at 100 mA), IIN_LIMIT, and fast charge current, IO(CHARGE), can be set by the host. Once the
battery voltage is close to the regulation voltage, V(OREG), the charge current is tapered down as shown in
Figure 24. The voltage regulation feedback occurs by monitoring the battery-pack voltage between the CSOUT
and PGND pins. bq24150/1 is a fixed single-cell voltage version, with adjustable regulation voltage (3.5 V to 4.44
V) programmed through I2C interface.
The bq24150/1 monitors the charging current during the voltage regulation phase. Once the termination
threshold, ITERM, is detected and the battery voltage is above the recharge threshold, the bq24150/1 terminates
charge. The termination current level is programmable. To disable the charge current termination, the host can
set the charge termination bit (I_Term) of charge control register to 0, see the I2C section for details.
A new charge cycle is initiated when one of the following conditions is detected:
• The battery voltage falls below the V
(OREG) – V(RCH) threshold.
• VBUS Power-on reset (POR), if battery voltage is below the V
(LOWV) threshold (bq24150 only).
• CE bit toggle or RESET bit is set (host controlled)
At the beginning of charging process, the bq24150/1 starts a 32-minute timer (T32min) that can be stopped by
any write-action performed by host through I2C interface. Once the 32-minute timer is stopped, a 32-second timer
(T32sec) is automatically started. The 32-second timer can be reset by host using I2C interface. Writing "1" to
reset bit of TMR_RST in control register resets the 32-second timer and TMR_RST is automatically set to "0"
after the 32-second timer is reset. If the 32-second timer expires, the charge is terminated and charge
parameters are reset to default values. Then the 32-minute timer starts and the charge resumes.
During normal charging process, the bq24150/1 is normally in 32-second mode with host control, and 32-minute
mode without host control using I2C interface. The process repeats until the battery is fully charged. If the
32-minute timer expires, bq24150/1 turns off the charger and enunciates FAULT on the STATx bits of status
register. This function prevents battery over charge if the host fails to reset the safety timer. The safety timer flow
chart is shown in Figure 25. Fault condition is cleared by POR and fault status bits can only be updated after the
status bits are read out by the host.
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): bq24150 bq24151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com