Electronic Components Datasheet Search
  English  ▼

X  

BQ24151YFFR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24151YFFR
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24151YFFR Datasheet(HTML) 23 Page - Texas Instruments

Back Button BQ24151YFFR Datasheet HTML 19Page - Texas Instruments BQ24151YFFR Datasheet HTML 20Page - Texas Instruments BQ24151YFFR Datasheet HTML 21Page - Texas Instruments BQ24151YFFR Datasheet HTML 22Page - Texas Instruments BQ24151YFFR Datasheet HTML 23Page - Texas Instruments BQ24151YFFR Datasheet HTML 24Page - Texas Instruments BQ24151YFFR Datasheet HTML 25Page - Texas Instruments BQ24151YFFR Datasheet HTML 26Page - Texas Instruments BQ24151YFFR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
POWERDOWN
CHARGE
CONFIGURE
BOOST
CONFIGURE
BOOST
HIGH
IMPEDANCE
SHORT
CIRCUIT
PWMCHARGE
VBUS>VUVLO
VAUXPWR<VLOWV
(bq24150)
VAUXPWR>VSHORT, VBUS>VBUS(MIN)
VBUS>VSLP_ENT+VSLP_EXIT
NOFAULTS
HZ_MODE=1
OPA_MODE=1
HZ_MODE=0
VAUXPWR<VSHORT
orVBUS<VBUS(MIN)
orFAULTS
VAUXPWR>VSHORT
orVBUS<VBUS(MIN)
orFAULTS
VAUXPWR>VPOR
V
BUS>POR
START UP
NoFAULTS
HZ_MODE=1
Or
VAUXPWR<VLOWV
OPA_MODE=0
orFAULTS
OPA_MODE=1
HZ_MODE=0
VAUXPWR>VLOWV
HZ_MODE=1
or
VAUXPWR<VBATMIN
OPA_MODE=1
HZ_MODE=0
HZ_MODE=1
orVBUS<VUVLO, VAUXPWR>VSHORT
VBUS>VUVLO
HZ_MODE=0, OPA_MODE=0
VAUXPWR<VSHORT
VBUS>VBUS(MIN)
VBUS>VSLP_ENT+VSLP_EXIT
NOFAULTS
OPA_MODE=0
ANY STATE
VBUS<VUVLO
VAUXPWR<VSHORT
SERIAL INTERFACE DESCRIPTION
F/S Mode Protocol
bq24150
bq24151
www.ti.com ...................................................................................................................................................................................................... SLUS824 – JUNE 2008
Figure 26. State Diagram for bq24150/1
I2C™ is a 2-wire serial interface developed by Philips Semiconductor (see I2C-Bus Specification, Version 2.1,
January 2000). The bus consists of a data line (SDA) and a clock line (SCL) with pull-up structures. When the
bus is idle, both SDA and SCL lines are pulled high. All the I2C compatible devices connect to the I2C bus
through open drain I/O pins, SDA and SCL. A master device, usually a microcontroller or a digital signal
processor, controls the bus. The master is responsible for generating the SCL signal and device addresses. The
master also generates specific conditions that indicate the START and STOP of data transfer. A slave device
receives and/or transmits data on the bus under control of the master device.
The bq24150/1 device works as a slave and supports the following data transfer modes, as defined in the
I2C-Bus™ Specification: standard mode (100 kbps), fast mode (400 kbps), and high-speed mode (up to 3.4 Mbps
in write mode). The interface adds flexibility to the battery charge solution, enabling most functions to be
programmed to new values depending on the instantaneous application requirements. Register contents remain
intact as long as supply voltage remains above 2.2 V (typical).
The data transfer protocol for standard and fast modes is exactly the same; therefore, they are referred to as the
F/S-mode in this document. The protocol for high-speed mode is different from the F/S-mode, and it is referred to
as the HS-mode. The bq24150/1 device only supports 7-bit addressing. The device 7-bit address is defined as
‘1101011’ (6BH).
The master initiates data transfer by generating a start condition. The start condition is when a high-to-low
transition occurs on the SDA line while SCL is high, as shown in Figure 27. All I2C-compatible devices should
recognize a start condition.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): bq24150 bq24151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com