Electronic Components Datasheet Search
  English  ▼

X  

BQ24151YFFR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24151YFFR
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24151YFFR Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24151YFFR Datasheet HTML 6Page - Texas Instruments BQ24151YFFR Datasheet HTML 7Page - Texas Instruments BQ24151YFFR Datasheet HTML 8Page - Texas Instruments BQ24151YFFR Datasheet HTML 9Page - Texas Instruments BQ24151YFFR Datasheet HTML 10Page - Texas Instruments BQ24151YFFR Datasheet HTML 11Page - Texas Instruments BQ24151YFFR Datasheet HTML 12Page - Texas Instruments BQ24151YFFR Datasheet HTML 13Page - Texas Instruments BQ24151YFFR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
VBUS
100mV/div,
5.06VOffset
VSW
5V/div
I
0.1 A/div
BAT
100 S/div
m
VBAT =3.85V,VBUS=5.07V,IBUS=215mA-0
V
0.2 A/div,
3.8VOffset
BAT
VSW
2V/div
IL
0.5 A/div
Vbat=3.6V Vbus=4.11V,Boostmode
overloadoperation
,
200nS/div
VBUS
0.5V/div,
4.5VOffset
VSW
5V/div
OTG
2V/div
IL
0.5 A/div
0.5mS/div
Vbus=4.5V,(ChargeMode)/5.1V(BoostMode),
Iin_limit=500mA,Vbat=3.4V,32SMode.
70
75
80
85
90
95
0
50
100
150
200
LoadCurrentatVBUS-mA
VBAT =2.5V
VBAT =3.6V
VBAT =4V
5
5.01
5.02
5.03
5.04
5.05
5.06
5.07
5.08
5.09
5.1
0
50
100
150
200
LoadCurrentatVBUS-mA
VBAT =2.5V
VBAT =3.6V
VBAT =4V
4.99
5
5.01
5.02
5.03
5.04
5.05
5.06
5.07
5.08
5.09
5.1
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
VBAT-V
IBUS=50mA
IBUS=100mA
IBUS=200mA
bq24150
bq24151
SLUS824 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
LOAD STEP DOWN RESPONSE (BOOST MODE)
CYCLE BY CYCLE CURRENT LIMITING IN BOOST MODE
Figure 15.
Figure 16.
BOOST TO CHARGE MODE TRANSITION (OTG CONTROL)
BOOST EFFICIENCY
Figure 17.
Figure 18.
LINE REGULATION FOR BOOST
LOAD REGULATION FOR BOOST
Figure 19.
Figure 20.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): bq24150 bq24151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com