Electronic Components Datasheet Search
  English  ▼

X  

MIC5013 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5013
Description  Protected High- or Low-Side MOSFET Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5013 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC5013 Datasheet HTML 2Page - Micrel Semiconductor MIC5013 Datasheet HTML 3Page - Micrel Semiconductor MIC5013 Datasheet HTML 4Page - Micrel Semiconductor MIC5013 Datasheet HTML 5Page - Micrel Semiconductor MIC5013 Datasheet HTML 6Page - Micrel Semiconductor MIC5013 Datasheet HTML 7Page - Micrel Semiconductor MIC5013 Datasheet HTML 8Page - Micrel Semiconductor MIC5013 Datasheet HTML 9Page - Micrel Semiconductor MIC5013 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MIC5013
Micrel, Inc.
MIC5013
6
July 2005
Block Diagram
+
–
V+
CHARGE
PUMP
V. REG
R
S
Q
LOGIC
MIC5013
1
8
5
2
4
3
6
7
500Ω
1k
V+
Gate
Sense
Source
Ground
Threshold
Input
Fault
CURRENT
SENSE
LATCH
1k
+
–
I2
VTRIP
12.5V
Applications Information
Functional Description (refer to block diagram)
The various MIC5013 functions are controlled via a logic
block connected to the input pin 1. When the input is low,
all functions are turned off for low standby current and the
gate of the power MOSFET is also held low through 500Ω
to an N-channel switch. When the input is taken above the
turn-on threshold (3.5V typical), the N-channel switch turns
off and the charge pump is turned on to charge the gate of
the power FET. A bandgap type voltage regulator is also
turned on which biases the current sense circuitry.
The charge pump incorporates a 100kHz oscillator and
on-chip pump capacitors capable of charging 1nF to 5V
above supply in 60µs typical. The charge pump is capable
of pumping the gate up to over twice the supply voltage.
For this reason, a zener clamp (12.5V typical) is provided
between the gate pin 6 and source pin 4 to prevent exceed-
ing the VGS rating of the MOSFET at high supplies.
The current sense operates by comparing the sense volt-
age at pin 3 to an offset version of the source voltage at
pin 4. Current I2 flowing in threshold pin 2 is mirrored and
returned to the source via a 1kΩ resistor to set the offset,
or trip voltage. When (VSENSE – VSOURCE) exceeds VTRIP,
the current sense trips and sets the current sense latch to
turn off the power FET. An integrating comparator is used
to reduce sensitivity to spikes on pin 3. The latch is reset
to turn the FET back on by “recycling” the input pin 1 low
and then high again.
Aresistor RTHfrompin2togroundsetsI2,andhenceVTRIP.
An additional capacitor CTH from pin 2 to ground creates a
higher trip voltage at turn-on, which is necessary to prevent
high in-rush current loads such as lamps or capacitors from
false-tripping the current sense.
When the current sense has tripped, the fault pin 8 will be
high as long as the input pin 1 remains high. However, when
the input is low the fault pin will also be low.
Construction Hints
Highcurrentpulsecircuitsdemandequipmentandassembly
techniques that are more stringent than normal low current
lab practices. The following are the sources of pitfalls most
oftenencounteredduringprototyping:Supplies:manybench
power supplies have poor transient response. Circuits that
are being pulse tested, or those that operate by pulse-width
modulation will produce strange results when used with a
supply that has poor ripple rejection, or a peaked transient
response. Monitor the power supply voltage that appears
at the drain of a high-side driver (or the supply side of the
load in a low-side driver) with an oscilloscope. It is not un-
common to find bench power supplies in the 1kW class that
overshoot or undershoot by as much as 50% when pulse
loaded. Not only will the load current and voltage measure-
ments be affected, but it is possible to over-stress various
components—especially electrolytic capacitors—with pos-
sibly catastrophic results. A 10µF supply bypass capacitor
at the chip is recommended.
Residual Resistances: Resistances in circuit connections
may also cause confusing results. For example, a circuit
may employ a 50mΩ power MOSFET for low drop, but
careless construction techniques could easily add 50 to
100mΩ resistance. Do not use a socket for the MOSFET. If
the MOSFET is a TO-220 type package, make high-current
drain connections to the tab. Wiring losses have a profound
effect on high-current circuits. A floating millivoltmeter can
identify connections that are contributing excess drop
under load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com