Electronic Components Datasheet Search
  English  ▼

X  

MIC5013 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5013
Description  Protected High- or Low-Side MOSFET Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5013 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5013 Datasheet HTML 1Page - Micrel Semiconductor MIC5013 Datasheet HTML 2Page - Micrel Semiconductor MIC5013 Datasheet HTML 3Page - Micrel Semiconductor MIC5013 Datasheet HTML 4Page - Micrel Semiconductor MIC5013 Datasheet HTML 5Page - Micrel Semiconductor MIC5013 Datasheet HTML 6Page - Micrel Semiconductor MIC5013 Datasheet HTML 7Page - Micrel Semiconductor MIC5013 Datasheet HTML 8Page - Micrel Semiconductor MIC5013 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MIC5013
Micrel, Inc.
MIC5013
4
July 2005
Test Circuit
Typical Characteristics
0
5
10 15 20 25 30 35
0
2
4
6
8
10
12
Supply Current
SUPPLY VOLTAGE (V)
0
3
6
9
12
15
SUPPLY VOLTAGE (V)
0
2
4
6
8
10
12
14
DC Gate Voltage
above Supply
V+
I3
S3 I2
I8
Fault
V+
Gate
1
2
3
4
8
MIC5013
Gnd
7
6
5
Thresh
Sense
Source
Input
1nF
I6
S1
+ 1µF
50Ω
S2
3.5k
V S
500Ω
1W
S4
V
G AT E
V
IN
0
3
6
9
12
15
SUPPLY VOLTAGE (V)
High-side Turn-on Time*
GATE
C
=10 nF
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
3
6
9
12
15
0
50
100
150
200
250
300
350
SUPPLY VOLTAGE (V)
High-side Turn-on Time*
GATE
C
=1 nF
* Time for gate to reach V+ + 5V in test circuit with VS = V+ – 5V (prevents gate clamp from interfering with measurement).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com