Electronic Components Datasheet Search
  English  ▼

X  

MIC5013 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC5013
Description  Protected High- or Low-Side MOSFET Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5013 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC5013 Datasheet HTML 7Page - Micrel Semiconductor MIC5013 Datasheet HTML 8Page - Micrel Semiconductor MIC5013 Datasheet HTML 9Page - Micrel Semiconductor MIC5013 Datasheet HTML 10Page - Micrel Semiconductor MIC5013 Datasheet HTML 11Page - Micrel Semiconductor MIC5013 Datasheet HTML 12Page - Micrel Semiconductor MIC5013 Datasheet HTML 13Page - Micrel Semiconductor MIC5013 Datasheet HTML 14Page - Micrel Semiconductor MIC5013 Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
July 2005
11
MIC5013
MIC5013
Micrel, Inc.
Applications Information (Continued)
Fault
V+
Gate
1
2
3
4
8
MIC5013
Gnd
7
6
5
Thresh
Sense
Source
Input
IRFP250
100µF
6.2kΩ
+
10mΩ
1N4003
90V
100kΩ
1kΩ
100kΩ
4N35
33kΩ
33pF
MPSA05
10mA
Control Input
M
15V
1N4003 (2)
15Vp-p, 20kHz
Squarewave
1N4746
100nF
200V
KC1000-4T
(Kelvin)
1/4 HP, 90V
5BPB56HAA100
(GE)
Since the supply current in the “OFF” state is only a small
leakage, the 100nF bypass capacitor tends to remain
charged for several seconds after the MIC5013 is turned
off. In a PWM application the chip supply is actually much
higher than the system supply, which improves switching
time.
Electronic Circuit Breaker (Figure 7).The MIC5013 forms
the basis of a high-performance, fast-acting circuit breaker.
By adding feedback from FAULT to INPUT the breaker can
be made to automatically reset. If an over-current condition
occurs, the circuit breaker shuts off. The breaker tests the
load every 18ms until the short is removed, at which time
the circuit latches ON. No reset button is necessary.
Opto-Isolated Interface (Figure 8).Although the MIC5013
has no special input slew rate requirement, the lethargic
transitions provided by an opto-isolator may cause oscil-
lations on the rise and fall of the output. The circuit shown
accelerates the input transitions from a 4N35 opto-isolator
by adding hysteresis. Opto-isolators are used where the
control circuitry cannot share a common ground with the
MIC5013 and high-current power supply, or where the
control circuitry is located remotely. This implementation is
intrinsically safe; if the control line is severed the MIC5013
will turn OFF.
Fault-Protected Industrial Switch (Figure 9). The most
common manual control for industrial loads is a push but-
ton on/off switch. The “on” button is physically arranged in
a recess so that in a panic situation the “off” button, which
extends out from the control box, is more easily pressed.
This circuit is compatible with control boxes such as the
CR2943 series (GE). The circuit is configured so that if
both switches close simultaneously, the “off” button has
precedence. If there is a fault condition the circuit will latch
off, and it can be reset by pushing the “ON” button.
This application also illustrates how two (or more) MOS-
FETs can be paralleled. This reduces the switch drop, and
distributes the switch dissipation into multiple packages.
High-VoltageBootstrap(Figure10).AlthoughtheMIC5013
is limited to operation on 7 to 32V supplies, a floating boot-
strap arrangement can be used to build a high-side switch
that operates on much higher voltages. The MIC5013 and
MOSFET are configured as a low-side driver, but the load is
connected in series with ground. The high speed normally
associated with low-side drivers is retained in this circuit.
Power for the MIC5013 is supplied by a charge pump. A
20kHz square wave (15Vp-p) drives the pump capacitor
and delivers current to a 100µF storage capacitor. A zener
diode limits the supply to 18V. When the MIC5013 is off,
power is supplied by a diode connected to a 15V supply.The
circuit of Figure 8 is put to good use as a barrier between
low voltage control circuitry and the 90V motor supply.
Half-Bridge Motor Driver (Figure 11). Closed loop control
of motor speed requires a half-bridge driver. This topology
presents an extra challenge since the two output devices
should not cross conduct (shoot-through) when switching.
Crossconductionincreasesoutputdevicepowerdissipation
and, in the case of the MIC5013, could trip the over-current
comparator. Speed is also important, since PWM control
requires the outputs to switch in the 2 to 20kHz range.
The circuit of Figure 11 utilizes fast configurations for both
the top- and bottom-side drivers. Delay networks at each
input provide a 2 to 3µs dead time effectively eliminating
cross conduction. Both the top- and bottom-side drivers
are protected, so the output can be shorted to either rail
without damage.
Figure 10. High-Voltage
Bootstrapped Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com