Electronic Components Datasheet Search
  English  ▼

X  

MIC5013 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5013
Description  Protected High- or Low-Side MOSFET Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5013 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5013 Datasheet HTML 6Page - Micrel Semiconductor MIC5013 Datasheet HTML 7Page - Micrel Semiconductor MIC5013 Datasheet HTML 8Page - Micrel Semiconductor MIC5013 Datasheet HTML 9Page - Micrel Semiconductor MIC5013 Datasheet HTML 10Page - Micrel Semiconductor MIC5013 Datasheet HTML 11Page - Micrel Semiconductor MIC5013 Datasheet HTML 12Page - Micrel Semiconductor MIC5013 Datasheet HTML 13Page - Micrel Semiconductor MIC5013 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MIC5013
Micrel, Inc.
MIC5013
10
July 2005
Fault
V+
Gate
1
2
3
4
8
MIC5013
Gnd
7
6
5
Thresh
Sense
Source
Input
IRFZ40
10µF
20kΩ
+
100Ω
22mΩ
LOAD
12V
10kΩ
10kΩ
100nF
1N4148
100kΩ
100kΩ
100kΩ
MPSA05
CPSL-3 (Dale)
Applications Information (Continued)
Fault
V+
Gate
1
2
3
4
8
MIC5013
Gnd
7
6
5
Thresh
Sense
Source
Input
IRFP044 (2)
10µF
20kΩ
+
100Ω
5mΩ
LOAD
24V
15kΩ
OFF
330kΩ
100kΩ
ON
24V
LVF-15 (RCD)
CR2943-NA102A
(GE)
100kΩ
1kΩ
To MIC5013 Input
100kΩ
4N35
33kΩ
33pF
MPSA05
15V
10mA
Control Input
for only a short period of time (≤25ms). If the load is left
energized for a long period of time (>25ms), the bootstrap
capacitor will discharge and the MIC5013 supply pin will
fall to V+ = VDD –1.4. Under this condition pins 3 and 4 will
be held above V+ and may false trigger the over-current
circuit. A larger capacitor will lengthen the maximum “on”
time; 1000µF will hold the circuit up for 2.5 seconds, but
requires more charge time when the circuit is turned off.
The optional Schottky barrier diode improves turn-on time
on supplies of less than 10V.
Figure 7. 10-Ampere
Electronic Circuit Breaker
Figure 8. Improved
Opto-Isolator Performance
Figure 9. 50-Ampere
Industrial Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com