Electronic Components Datasheet Search
  English  ▼

X  

MIC5013 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5013
Description  Protected High- or Low-Side MOSFET Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5013 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5013 Datasheet HTML 1Page - Micrel Semiconductor MIC5013 Datasheet HTML 2Page - Micrel Semiconductor MIC5013 Datasheet HTML 3Page - Micrel Semiconductor MIC5013 Datasheet HTML 4Page - Micrel Semiconductor MIC5013 Datasheet HTML 5Page - Micrel Semiconductor MIC5013 Datasheet HTML 6Page - Micrel Semiconductor MIC5013 Datasheet HTML 7Page - Micrel Semiconductor MIC5013 Datasheet HTML 8Page - Micrel Semiconductor MIC5013 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
July 2005
1
MIC5013
MIC5013
Micrel, Inc.
Fault
V+
Gate
1
2
3
4
8
MIC5013
Gnd
7
6
5
Thresh
Sense
Source
Input
=24V
IRCZ44
(S=2590,
R=11mΩ)
10µF
43Ω
20kΩ
4.3kΩ
R
R1
LOAD
Control Input
V+
+
S
R1=
100mV
S R R
(SR+R )
V+
SR(
+100mV)
R I – (
+100mV)
R =
R =
–1000
2200
V
TRI P
S
For this example:
=30A (trip current)
I
L
=100mV
V
TRI P
S
S
TH
V
TRI P
V
TRI P
L
R
TH
S E N S E
SO U R C E
KELVIN
MIC5013
Protected High- or Low-Side MOSFET Driver
General Description
The MIC5013 is an 8-pin MOSFET driver with over-current
shutdown and a fault flag. It is designed to drive the gate of
an N-channel power MOSFETabove the supply rail high-side
power switch applications. The MIC5013 is compatible with
standard or current-sensing power MOSFETs in both high-
and low-side driver topologies.
The MIC5013 charges a 1nF load in 60µs typical and protects
the MOSFETfrom over-current conditions.The current sense
trip point is fully programmable and a dynamic threshold
allows high in-rush current loads to be started. A fault pin
indicates when the MIC5013 has turned off the FET due to
excessive current.
OthermembersoftheMicreldriverfamilyincludetheMIC5011
minimum parts count driver and MIC5012 dual driver.
Features
• 7V to 32V operation
• Less than 1µA standby current in the “OFF” state
• Available in small outline SOIC packages
• Internal charge pump to drive the gate of an N-channel
power FET above supply
• Internal zener clamp for gate protection
• 60µs typical turn-on time to 50% gate overdrive
• Programmable over-current sensing
• Dynamic current threshold for high in-rush loads
• Fault output pin indicates current faults
• Implements high- or low-side switches
Applications
• Lamp drivers
• Relay and solenoid drivers
• Heater switching
• Power bus switching
• Motion control
Typical Application
Protected under one or more of the following Micrel patents:
patent #4,951,101; patent #4,914,546
Note: The MIC5013 is ESD sensitive.
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
Ordering Information
Part Number
Temperature
Range
Package
Standard
Pb-Free
MIC5013BN MIC5013YN –40ºC to +85ºC
8-pin Plastic
DIP
MIC5013BM MIC5013YM –40ºC to +85ºC
8-pin SOIC
Figure 1. High-Side Driver with
Current-Sensing MOSFET


Similar Part No. - MIC5013

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5013 MICREL-MIC5013 Datasheet
153Kb / 16P
Protected High- or Low-Side MOSFET Driver
MIC5013BM MICREL-MIC5013BM Datasheet
153Kb / 16P
Protected High- or Low-Side MOSFET Driver
MIC5013BN MICREL-MIC5013BN Datasheet
153Kb / 16P
Protected High- or Low-Side MOSFET Driver
More results

Similar Description - MIC5013

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1161 LINER-LT1161 Datasheet
290Kb / 12P
Quad Protected High-Side MOSFET Driver
logo
Micrel Semiconductor
MIC5011 MICREL-MIC5011 Datasheet
121Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013 Datasheet
153Kb / 16P
Protected High- or Low-Side MOSFET Driver
MIC5014 MICREL-MIC5014 Datasheet
85Kb / 9P
Low-Cost High- or Low-Side MOSFET Driver
logo
Linear Technology
LT1910 LINER-LT1910 Datasheet
178Kb / 12P
Protected High Side MOSFET Driver
logo
Micrel Semiconductor
MIC5010 MICREL-MIC5010 Datasheet
189Kb / 16P
Full-Featured High- or Low-Side MOSFET Driver
logo
Linear Technology
LT1161 LINER-LT1161_06 Datasheet
186Kb / 12P
Quad Protected High-Side MOSFET Driver
logo
Micrel Semiconductor
MIC5014 MICREL-MIC5014_05 Datasheet
515Kb / 12P
Low-Cost High- or Low-Side MOSFET Driver
logo
Linear Technology
LT1161 LINER-LT1161_15 Datasheet
196Kb / 12P
Quad Protected High-Side MOSFET Driver
LT1910 LINER-LT1910_15 Datasheet
224Kb / 14P
Protected High Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com