Electronic Components Datasheet Search
  English  ▼

X  

V54C3256804VT Datasheet(PDF) 17 Page - Mosel Vitelic, Corp

Part # V54C3256804VT
Description  256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C3256804VT Datasheet(HTML) 17 Page - Mosel Vitelic, Corp

Back Button V54C3256804VT Datasheet HTML 13Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 14Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 15Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 16Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 17Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 18Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 19Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 20Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 21Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
17
V54C3256(16/80/40)4V(T/S/B) Rev. 1.6 September 2002
MOSEL VITELIC
V54C3256(16/80/40)4V(T/S/B)
Operating Currents (TA = 0 to 70°C, VCC = 3.3V ± 0.3V)
(Recommended Operating Conditions unless otherwise noted)
Notes:
7.
These parameters depend on the cycle rate and these values are measured by the cycle rate under the minimum value of tCK and
tRC. Input signals are changed one time during tCK.
8.
These parameter depend on output loading. Specified values are obtained with output open.
Symbol
Parameter & Test Condition
Max.
Unit
Note
-6
-7 / -7PC
-8PC
ICC1
Operating Current
tRC = tRCMIN., tRC = tCKMIN.
Active-precharge command cycling,
without Burst Operation
1 bank operation
250
230
210
mA
7
ICC2P
Precharge Standby Current
in Power Down Mode
CS =VIH, CKE≤ VIL(max)
tCK = min.
2
2
2
mA
7
ICC2PS
tCK = Infinity
1
1
1
mA
7
ICC2N
Precharge Standby Current
in Non-Power Down Mode
CS =VIH, CKE≥ VIL(max)
tCK = min.
55
45
35
mA
ICC2NS
tCK = Infinity
5
5
5
mA
ICC3N
No Operating Current
tCK = min, CS = VIH(min)
bank ; active state ( 4 banks)
CKE
≥ V
IH(MIN.)
65
55
45
mA
ICC3P
CKE
≤ V
IL(MAX.)
(Power down mode)
10
10
10
mA
ICC4
Burst Operating Current
tCK = min
Read/Write command cycling
170
150
120
mA
7,8
ICC5
Auto Refresh Current
tCK = min
Auto Refresh command cycling
270
240
220
mA
7
ICC6
Self Refresh Current
Self Refresh Mode, CKE
≤ 0.2V
333
mA
L-version
(A component rev)
1.7
1.7
1.7
mA
L-version
(B component rev)
1.0
1.0
1.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com