Electronic Components Datasheet Search
  English  ▼

X  

V54C3256804VT Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part # V54C3256804VT
Description  256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C3256804VT Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  V54C3256804VT Datasheet HTML 1Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 2Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 3Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 4Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 5Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 6Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 7Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 8Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
5
V54C3256(16/80/40)4V(T/S/B) Rev. 1.6 September 2002
MOSEL VITELIC
V54C3256(16/80/40)4V(T/S/B)
54 Pin Plastic TSOP-II
PIN CONFIGURATION
Top View
Pin Names
VCC
NC
VCCQ
NC
I/O1
VSSQ
NC
NC
VCCQ
NC
I/O2
VSSQ
NC
VCC
NC
WE
CAS
RAS
CS
BA0
BA1
A10
A0
A1
A2
A3
VCC
VSS
NC
VSSQ
NC
I/O4
VCCQ
NC
NC
VSSQ
NC
I/O3
VCCQ
NC
VSS
NC
DQM
CLK
CKE
A12
A11
A9
A8
A7
A6
A5
A4
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
356404V-01
CLK
Clock Input
CKE
Clock Enable
CS
Chip Select
RAS
Row Address Strobe
CAS
Column Address Strobe
WE
Write Enable
A0–A12
Address Inputs
BA0, BA1
Bank Select
I/O1–I/O4
Data Input/Output
DQM
Data Mask
VCC
Power (+3.3V)
VSS
Ground
VCCQ
Power for I/O’s (+3.3V)
VSSQ
Ground for I/O’s
NC
Not connected
V 54 C 3 25640 4 V A L T
Mosel Vitelic
Manufactured
SYNCHRONOUS
DRAM FAMILY
C=CMOS Family
3.3V, LVTTL INTERFACE
64Mx4(8K Refresh)
4 Banks
V=LVTTL
Component Rev Level A=0.17um
Special
Feature
L=Low Power
TSOP Component
Package
Speed
6 ns
7 ns
8 ns
Device
Number
B=0.14um
Description
Pkg.
Pin Count
TSOP-II
T
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com