Electronic Components Datasheet Search
  English  ▼

X  

V54C3256804VT Datasheet(PDF) 6 Page - Mosel Vitelic, Corp

Part # V54C3256804VT
Description  256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C3256804VT Datasheet(HTML) 6 Page - Mosel Vitelic, Corp

Back Button V54C3256804VT Datasheet HTML 2Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 3Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 4Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 5Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 6Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 7Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 8Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 9Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 10Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
6
V54C3256(16/80/40)4V(T/S/B) Rev. 1.6 September 2002
MOSEL VITELIC
V54C3256(16/80/40)4V(T/S/B)
V 54 C 3 256XX 4 V B L S
Mosel Vitelic
Manufactured
SYNCHRONOUS
DRAM FAMILY
C=CMOS Family
3.3V, LVTTL INTERFACE
256Mb(8K Refresh)
4 Banks
V=LVTTL
Component Rev Level A=0.17um
Special
Feature
L=Low Power
SOC BGA
Device
Number
Speed
6 ns
7 ns
8 ns
B=0.14um
for 0.14um only
Component Package
Description
Pkg.
Pin Count
SOC BGA
S
60
DQ10
VDDQ
NC
NC
NC
NC
A12
A11
VDDQ
DQ11
A8
A6
A4
VSSQ
DQ9
DQ8
VSS
DQMH
CLK
CKE
A9
VSSQ
DQ13
DQ12
A7
A5
VSS
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
DQ14
DQ15
VSS
NC
VDDQ
NC
NC
NC
NC
A12
A11
VDDQ
DQ5
A8
A6
A4
VSSQ
DQ4
NC
VSS
DQM
CLK
CKE
A9
VSSQ
DQ6
NC
A7
A5
VSS
NC
DQ7
VSS
12
1
2
X16
X8
NC
VDDQ
NC
NC
NC
NC
A12
A11
VDDQ
NC
A8
A6
A4
VSSQ
DQ2
NC
VSS
DQM
CLK
CKE
A9
VSSQ
DQ3
NC
A7
A5
VSS
NC
NC
VSS
12
X4
VDDQ
DQ1
NC
VDD
WE#
RAS#
NC
BA1
DQ0
NC
A0
A2
VDD
NC
VSSQ
NC
NC
CAS#
NC
CS#
BA0
NC
VSSQ
NC
A10
A1
A3
VDDQ
VDD
NC
12
X4
VDDQ
DQ3
NC
VDD
WE#
RAS#
NC
BA1
DQ1
NC
A0
A2
VDD
NC
VSSQ
NC
NC
CAS#
NC
CS#
BA0
NC
VSSQ
DQ2
A10
A1
A3
VDDQ
VDD
DQ0
12
X8
VDDQ
DQ6
DQ7
VDD
WE#
RAS#
NC
BA1
DQ2
DQ3
A0
A2
VDD
DQ5
VSSQ
NC
DQML
CAS#
NC
CS#
BA0
DQ1
VSSQ
DQ4
A10
A1
A3
VDDQ
VDD
DQ0
12
X16
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
TOP VIEW
(See Ball through the Package)
(60-Ball SOC BGA)
256 Mb SDRAM Ball Assignment
PIN A1 INDEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com