Electronic Components Datasheet Search
  English  ▼

X  

V54C3256804VT Datasheet(PDF) 18 Page - Mosel Vitelic, Corp

Part # V54C3256804VT
Description  256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C3256804VT Datasheet(HTML) 18 Page - Mosel Vitelic, Corp

Back Button V54C3256804VT Datasheet HTML 14Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 15Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 16Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 17Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 18Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 19Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 20Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 21Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 22Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
18
V54C3256(16/80/40)4V(T/S/B) Rev. 1.6 September 2002
MOSEL VITELIC
V54C3256(16/80/40)4V(T/S/B)
AC Characteristics 1,2, 3
TA = 0 to 70 °C; VSS = 0 V; VDD = 3.3 V ± 0.3 V, tT = 1 ns
#
Symbol
Parameter
Limit Values
Unit
Note
-6
-7PC
-7
-8PC
Min. Max. Min. Max. Min. Max. Min. Max.
Clock and Clock Enable
1tCK
Clock Cycle Time
CAS Latency = 3
CAS Latency = 2
6
7.5
–
–
7
7.5
–
–
7
10
–
–
8
10
–
–
s
ns
ns
2tCK
Clock Frequency
CAS Latency = 3
CAS Latency = 2
–
–
166
133
–
–
143
133
–
–
143
100
–
–
125
100
MHz
MHz
3tAC
Access Time from Clock
CAS Latency = 3
CAS Latency = 2
–
_
5.4
5.4
–
_
5.4
5.4
–
_
5.4
6
–
_
6
6
ns
ns
2, 4
4tCH
Clock High Pulse Width
2.5
–
2.5
–
2.5
–3–ns
5tCL
Clock Low Pulse Width
2.5
–
2.5
–
2.5
–3–ns
6tT
Transition Tim
0.3
1.2
0.3
1.2
0.3
1.2
0.5
10
ns
Setup and Hold Times
7tIS
Input Setup Time
1.5
–
1.5
–
1.5
–2–ns
5
8tIH
Input Hold Time
0.8
–
0.8
–
0.8
–1–ns
5
9tCKS
Input Setup Time
1.5
–
1.5
–
1.5
–2–ns
5
10
tCKH
CKE Hold Time
0.8
–
0.8
–
0.8
–1–ns
5
11
tRSC
Mode Register Set-up Time
12
–
14
–
14
–
16
–
ns
12
tSB
Power Down Mode Entry Time
0
6
0
7
0
708ns
Common Parameters
13
tRCD
Row to Column Delay Time
12
–
15
–
15
–
20
–
ns
6
14
tRP
Row Precharge Time
15
–
15
–
15
–
20
–
ns
6
15
tRAS
Row Active Time
40
100K
42
100K
42
100K
45
100k
ns
6
16
tRC
Row Cycle Time
60
–
60
–
60
–
60
–
ns
6
17
tRRD
Activate(a) to Activate(b) Command Period
12
–
14
–
14
–
16
–
ns
6
18
tCCD
CAS(a) to CAS(b) Command Period
1
–
1
–
1
–
1
–
CLK
Refresh Cycle
19
tREF
Refresh Period (8192 cycles)
—
64
—
64
—
64
—
64
ms
20
tSREX
Self Refresh Exit Time
1
—
1
—
1
—
1
—
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com