Electronic Components Datasheet Search
  English  ▼

X  

V54C3256804VT Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # V54C3256804VT
Description  256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C3256804VT Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  V54C3256804VT Datasheet HTML 1Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 2Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 3Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 4Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 5Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 6Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 7Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 8Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
3
V54C3256(16/80/40)4V(T/S/B) Rev. 1.6 September 2002
MOSEL VITELIC
V54C3256(16/80/40)4V(T/S/B)
54 Pin Plastic TSOP-II
PIN CONFIGURATION
Top View
Pin Names
CLK
Clock Input
CKE
Clock Enable
CS
Chip Select
RAS
Row Address Strobe
CAS
Column Address Strobe
WE
Write Enable
A0–A12
Address Inputs
BA0, BA1
Bank Select
I/O1–I/O16
Data Input/Output
LDQM, UDQM
Data Mask
VCC
Power (+3.3V)
VSS
Ground
VCCQ
Power for I/O’s (+3.3V)
VSSQ
Ground for I/O’s
NC
Not connected
V 54 C 3 25616 4 V A L T
Mosel Vitelic
Manufactured
SYNCHRONOUS
DRAM FAMILY
C=CMOS Family
3.3V, LVTTL INTERFACE
16Mx16(8K Refresh)
4 Banks
V=LVTTL
Component Rev Level A=0.17um
Special
Feature
L=Low Power
TSOP Component
Package
Speed
6 ns
7 ns
8 ns
Device
Number
B=0.14um
Description
Pkg.
Pin Count
TSOP-II
T
54
VCC
I/O1
VCCQ
I/O2
I/O3
VSSQ
I/O4
I/O5
VCCQ
I/O6
I/O7
VSSQ
I/O8
VCC
LDQM
WE
CAS
RAS
CS
BA0
BA1
A10
A0
A1
A2
A3
VCC
VSS
I/O16
VSSQ
I/O15
I/O14
VCCQ
I/O13
I/O12
VSSQ
I/O11
I/O10
VCCQ
I/O9
VSS
NC
UDQM
CLK
CKE
A12
A11
A9
A8
A7
A6
A5
A4
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
356164V-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com