Electronic Components Datasheet Search
  English  ▼

X  

V54C3256804VT Datasheet(PDF) 7 Page - Mosel Vitelic, Corp

Part # V54C3256804VT
Description  256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C3256804VT Datasheet(HTML) 7 Page - Mosel Vitelic, Corp

Back Button V54C3256804VT Datasheet HTML 3Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 4Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 5Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 6Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 7Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 8Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 9Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 10Page - Mosel Vitelic, Corp V54C3256804VT Datasheet HTML 11Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
7
V54C3256(16/80/40)4V(T/S/B) Rev. 1.6 September 2002
MOSEL VITELIC
V54C3256(16/80/40)4V(T/S/B)
V 54 C 3 256XX 4 V A L B
Mosel Vitelic
Manufactured
SYNCHRONOUS
DRAM FAMILY
C=CMOS Family
3.3V, LVTTL INTERFACE
256Mb(8K Refresh)
4 Banks
V=LVTTL
Component Rev Level A=0.17um
Special
Feature
L=Low Power
WBGA Component
Package for 0.17um only
Device
Number
Speed
6 ns
7 ns
8 ns
B=0.14um
Description
Pkg.
Pin Count
WBGA
B
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com