Electronic Components Datasheet Search
  English  ▼

X  

XMEGAA Datasheet(PDF) 75 Page - ATMEL Corporation

Part # XMEGAA
Description  8-bit XMEGAA Microcontroller
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAA Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button XMEGAA Datasheet HTML 71Page - ATMEL Corporation XMEGAA Datasheet HTML 72Page - ATMEL Corporation XMEGAA Datasheet HTML 73Page - ATMEL Corporation XMEGAA Datasheet HTML 74Page - ATMEL Corporation XMEGAA Datasheet HTML 75Page - ATMEL Corporation XMEGAA Datasheet HTML 76Page - ATMEL Corporation XMEGAA Datasheet HTML 77Page - ATMEL Corporation XMEGAA Datasheet HTML 78Page - ATMEL Corporation XMEGAA Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 375 page
background image
75
8077B–AVR–06/08
XMEGA A
7.9
Register Description - Clock
7.9.1
CTRL - System Clock Control Register
• Bit 7:3 - Res: Reserved
These bits are unused and reserved for future use. For compatibility with future devices, always
write these bits to zero when this register is written.
• Bit 2:0 - SCLKSEL[2:0]: System Clock Selection
SCLKSEL is used to select the source for the System Clock. See Table 7-1 for the different
selections. Changing the system clock source will take 2 clock cycles on the old clock source
and 2 clock cycles on the new clock source. These bits are protected by the Configuration
Change Protection mechanism, for details refer to ”Configuration Change Protection” on page
12.
SCLKSEL cannot be changed if the new source is not stable.
7.9.2
PSCTRL - System Clock Prescaler Register
• Bit 7 - Res: Reserved
This bit is reserved and will always be read as zero. For compatibility with future devices, always
write this bit to zero when this register is written.
Bit
76543210
+0x00
-----
SCLKSEL[2:0]
CTRL
Read/Write
RRRRR
R/W
R/W
R/W
Initial Value
00000000
Table 7-1.
System Clock Selection
SCLKSEL[2:0]
Group Configuration
Description
000
RC2MHz
2 MHz Internal RC Oscillator
001
RC32MHz
32 MHz Internal RC Oscillator
010
RC32KHz
32 kHz Internal RC Oscillator
011
XOSC
External Oscillator or Clock
100
PLL
Phase Locked Loop
101
-
Reserved
110
-
Reserved
111
-
Reserved
Bit
765
432
10
+0x01
-
PSADIV[4:0]
PSBCDIV
PSCTRL
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com