Electronic Components Datasheet Search
  English  ▼

X  

XMEGAA Datasheet(PDF) 3 Page - ATMEL Corporation

Part # XMEGAA
Description  8-bit XMEGAA Microcontroller
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAA Datasheet(HTML) 3 Page - ATMEL Corporation

  XMEGAA Datasheet HTML 1Page - ATMEL Corporation XMEGAA Datasheet HTML 2Page - ATMEL Corporation XMEGAA Datasheet HTML 3Page - ATMEL Corporation XMEGAA Datasheet HTML 4Page - ATMEL Corporation XMEGAA Datasheet HTML 5Page - ATMEL Corporation XMEGAA Datasheet HTML 6Page - ATMEL Corporation XMEGAA Datasheet HTML 7Page - ATMEL Corporation XMEGAA Datasheet HTML 8Page - ATMEL Corporation XMEGAA Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 375 page
background image
3
8077B–AVR–06/08
XMEGA A
2.
Overview
The XMEGA A is a family of low power, high performance and peripheral rich CMOS 8/16-bit
microcontrollers based on the AVR® enhanced RISC architecture. By executing powerful
instructions in a single clock cycle, the XMEGA A achieves throughputs approaching 1 Million
Instructions Per Second (MIPS) per MHz allowing the system designer to optimize power con-
sumption versus processing speed.
The AVR CPU combines a rich instruction set with 32 general purpose working registers. All the
32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent
registers to be accessed in one single instruction, executed in one clock cycle. The resulting
architecture is more code efficient while achieving throughputs many times faster than conven-
tional single-accumulator or CISC based microcontrollers.
The XMEGA A devices provide the following features: In-System Programmable Flash with
Read-While-Write capabilities, Internal EEPROM and SRAM, four-channel DMA Controller,
eight-channel Event System and Programmable Multi-level Interrupt Controller, up to 78 general
purpose I/O lines, 16-bit Real Time Counter (RTC), up to eight flexible 16-bit Timer/Counters
with compare modes and PWM, up to eight USARTs, up to four Two Wire Serial Interfaces
(TWIs), up to four Serial Peripheral Interfaces (SPIs), AES and DES crypto engine, up to two 8-
channel, 12-bit ADCs with optional differential input with programmable gain, up to two 2-chan-
nel, 12-bit DACs, up to four analog comparators with window mode, programmable Watchdog
Timer with separate Internal Oscillator, accurate internal oscillators with PLL and prescaler and
programmable Brown-Out Detection.
The Program and Debug Interface (PDI), a fast 2-pin interface for programming and debugging,
is available. The devices also have an IEEE std. 1149.1 compliant JTAG test interface, and this
can also be used for On-chip Debug and programming.
The XMEGA A devices have five software selectable power saving modes. The Idle mode stops
the CPU while allowing the SRAM, DMA Controller, Event System, Interrupt Controller and all
peripherals to continue functioning. The Power-down mode saves the SRAM and register con-
tents but stops the oscillators, disabling all other functions until the next TWI or pin-change
interrupt, or Reset. In Power-save mode, the asynchronous Real Time Counter continues to run,
allowing the application to maintain a timer base while the rest of the device is sleeping. In
Standby mode, the Crystal/Resonator Oscillator is kept running while the rest of the device is
sleeping. This allows very fast start-up from external crystal combined with low power consump-
tion. In Extended Standby mode, both the main Oscillator and the Asynchronous Timer continue
to run. To further reduce power consumption, the peripheral clock to each individual peripheral
can optionally be stopped in Active mode and Idle sleep mode.
The devices are manufactured using Atmel's high-density nonvolatile memory technology. The
program Flash memory can be reprogrammed in-system through the PDI or JTAG. A Bootloader
running in the device can use any interface to download the application program to the Flash
memory. The Bootloader software in the Boot Flash section will continue to run while the Appli-
cation Flash section is updated, providing true Read-While-Write operation. By combining an
8/16-bit RISC CPU with In-System Self-Programmable Flash, the Atmel XMEGA A is a powerful
microcontroller family that provides a highly flexible and cost effective solution for many embed-
ded applications.
The XMEGA A devices are supported with a full suite of program and system development tools
including: C compilers, macro assemblers, program debugger/simulators, programmers, and
evaluation kits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com