Electronic Components Datasheet Search
  English  ▼

X  

XMEGAA Datasheet(PDF) 45 Page - ATMEL Corporation

Part # XMEGAA
Description  8-bit XMEGAA Microcontroller
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAA Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button XMEGAA Datasheet HTML 41Page - ATMEL Corporation XMEGAA Datasheet HTML 42Page - ATMEL Corporation XMEGAA Datasheet HTML 43Page - ATMEL Corporation XMEGAA Datasheet HTML 44Page - ATMEL Corporation XMEGAA Datasheet HTML 45Page - ATMEL Corporation XMEGAA Datasheet HTML 46Page - ATMEL Corporation XMEGAA Datasheet HTML 47Page - ATMEL Corporation XMEGAA Datasheet HTML 48Page - ATMEL Corporation XMEGAA Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 375 page
background image
45
8077B–AVR–06/08
XMEGA A
5.13
Register Description – DMA Controller
5.13.1
CTRL - DMA Control Register
• Bit 7 - ENABLE: DMA Enable
Setting this bit enables the DMA Controller. If the DMA Controller is enabled and this bit is writ-
ten to zero, the ENABLE bit is not cleared before the internal transfer buffer is empty and the
DMA data transfer is aborted.
• Bit 6 - RESET: DMA Software Reset
Setting this bit enables the software reset. This bit is automatically cleared when reset is com-
pleted. This bit can only be set when the DMA Controller is disabled (ENABLE = 0).
• Bit 5:4 - Res: Reserved
These bits are unused and reserved for future use. For compatibility with future devices, always
write these bits to zero when this register is written.
• Bit 3:2 - DBUFMODE[1:0]: DMA Double Buffer Mode
These bits enables the double buffer on the different channels according to Table 5-1.
• Bit 1:0 - PRIMODE[1:0]: DMA Channel Priority Mode
These bits determine the internal channel priority according to Table 5-2.
Bit
76543210
+0x00
ENABLE
RESET
-
-
DBUFMODE[1:0]
PRIMODE[1:0]
CTRL
Read/Write
R/W
R/W
R
R
R/W
R/W
R/W
R/W
Initial Value
00000000
Table 5-1.
DMA Double Buffer settings
DBUFMODE[1:0]
Group Configuration
Description
00
DISABLED
No double buffer enabled
01
CH01
Double buffer enabled on channel0/1
10
CH23
Double buffer enabled on channel2/3
11
CH01CH23
Double buffer enabled on channel0/1 and channel2/3
Table 5-2.
DMA Channel Priority settings
PRIMODE[1:0]
Group Configuration
Description
00
RR0123
Round Robin
01
CH0RR123
Channel0 > Round Robin (Channel 1, 2 and 3)
10
CH01RR23
Channel0 > Channel1 > Round Robin (Channel 2 and
3)
11
CH0123
Channel0 > Channel1 > Channel2 > Channel3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com