Electronic Components Datasheet Search
  English  ▼

X  

XMEGAA Datasheet(PDF) 19 Page - ATMEL Corporation

Part # XMEGAA
Description  8-bit XMEGAA Microcontroller
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAA Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button XMEGAA Datasheet HTML 15Page - ATMEL Corporation XMEGAA Datasheet HTML 16Page - ATMEL Corporation XMEGAA Datasheet HTML 17Page - ATMEL Corporation XMEGAA Datasheet HTML 18Page - ATMEL Corporation XMEGAA Datasheet HTML 19Page - ATMEL Corporation XMEGAA Datasheet HTML 20Page - ATMEL Corporation XMEGAA Datasheet HTML 21Page - ATMEL Corporation XMEGAA Datasheet HTML 22Page - ATMEL Corporation XMEGAA Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 375 page
background image
19
8077B–AVR–06/08
XMEGA A
but device dependent. These two sections have separate lock bits and can have different level
of protection. The Store Program Memory (SPM) instruction used to write to the Flash from the
application software, will only operate when executed from the Boot Loader Section. The SPM
instruction is also used for writing the Boot Lock bits used for software protection.
The Application Section contains an Application Table Section with separate lock settings. This
can be used for safe storage of Non-volatile data in the Program Memory.
Figure 4-1.
Flash Memory sections
4.3.1
Application Section
The Application section is the section of the Flash that is used for storing the executable applica-
tion code. The protection level for the Application section can be selected by the Boot Lock Bits
for this section. The Application section can not store any Boot Loader code since the SPM
instruction cannot be executed from the Application section.
4.3.2
Application Table section
The Application Table section is a part of the Application Section of the Flash that can be used
for storing data. The size is identical to the Boot Loader Section. The protection level for the
Application Table section can be selected by the Boot Lock Bits for this section. The possibilities
for different protection levels on the Application Section and the Application Table Section
Application Flash
Section
0x000000
End RWW, End Application
Start NRWW, Start Boot Loader
Flashend
Application Table
Flash Section
Boot Loader Flash
Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com