Electronic Components Datasheet Search
  English  ▼

X  

XMEGAA Datasheet(PDF) 46 Page - ATMEL Corporation

Part # XMEGAA
Description  8-bit XMEGAA Microcontroller
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAA Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button XMEGAA Datasheet HTML 42Page - ATMEL Corporation XMEGAA Datasheet HTML 43Page - ATMEL Corporation XMEGAA Datasheet HTML 44Page - ATMEL Corporation XMEGAA Datasheet HTML 45Page - ATMEL Corporation XMEGAA Datasheet HTML 46Page - ATMEL Corporation XMEGAA Datasheet HTML 47Page - ATMEL Corporation XMEGAA Datasheet HTML 48Page - ATMEL Corporation XMEGAA Datasheet HTML 49Page - ATMEL Corporation XMEGAA Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 375 page
background image
46
8077B–AVR–06/08
XMEGA A
5.13.2
INTFLAGS - DMA Interrupt Status Register
• Bit 7:4 - CHnERRIF[3:0]: DMA Channel n Error Interrupt Flag
If an error condition is detected on DMA channel n, the CHnERRIF flag will be set. Writing a one
to this bit location will clear the flag.
• Bit 3:0 - CHnTRNFIF[3:0]: DMA Channel n Transaction Complete Interrupt Flag
When a transaction on channel n has been completed, the CHnTRFIF flag will set. If unlimited
repeat count is enabled, this flag is read as one after each block transfer. Writing a one to this bit
location will clear the flag.
5.13.3
STATUS - DMA Status Register
• Bit 7:4 - CHnBUSY[3:0]: DMA Channel Busy
When channel n starts a DMA transaction, the CHnBUSY flag will be read as one. This flag is
automatically cleared when the DMA channel is disabled, when the Channel n transaction Com-
plete Interrupt Flag is set or if the DMA Channel n Error Interrupt flag is set.
• Bit 3:0 - CHnPEND[3:0]: DMA Channel Pending
If a block transfer is pending on DMA channel n, the CHnPEND flag will be read as one. This
flag is automatically cleared when the block transfer starts, or if the transfer is aborted.
5.13.4
TEMPH - DMA Temporary Register High
• Bit 7:0 - TEMP[7:0]: DMA Temporary Register
This register is used when reading and writing 24-bit registers in the DMA controller. Byte 2 of
the 24-bit register is stored when it is written by the CPU. Byte 2 of the 24-bit register is stored
here when byte 1 is read by the CPU. This register can also be read and written from the user
software.
Reading and writing 24-bit register requires special attention, for details refer to ”Accessing 16-
bits Registers” on page 12.
Bit
765
4
3
2
1
0
+0x04
CH3ERRIF
CH2ERRIF
CH1ERRIF
CH0ERRIF
CH3TRNFIF
CH2TRNFIF
CH1TRNFIF
CH0TRNFIF
INTFLAGS
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
543
210
+0x05
CH3BUSY
CH2BUSY
CH1BUSY
CH0BUSY
CH3PEND
CH2PEND
CH1PEND
CH0PEND
STATUS
Read/Write
R
RRR
RRR
R
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
432
10
+0x07
DMTEMP[15:8]
TEMPH
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com