Electronic Components Datasheet Search
  English  ▼

X  

XMEGAA Datasheet(PDF) 4 Page - ATMEL Corporation

Part # XMEGAA
Description  8-bit XMEGAA Microcontroller
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAA Datasheet(HTML) 4 Page - ATMEL Corporation

  XMEGAA Datasheet HTML 1Page - ATMEL Corporation XMEGAA Datasheet HTML 2Page - ATMEL Corporation XMEGAA Datasheet HTML 3Page - ATMEL Corporation XMEGAA Datasheet HTML 4Page - ATMEL Corporation XMEGAA Datasheet HTML 5Page - ATMEL Corporation XMEGAA Datasheet HTML 6Page - ATMEL Corporation XMEGAA Datasheet HTML 7Page - ATMEL Corporation XMEGAA Datasheet HTML 8Page - ATMEL Corporation XMEGAA Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 375 page
background image
4
8077B–AVR–06/08
XMEGA A
2.1
Block Diagram
Figure 2-1.
XMEGA A Block Diagram
2.2
Recommended reading
• XMEGA device data sheet
• Application Notes
Power
Supervision
POR/BOD &
RESET
PORT A (8)
PORT B (8)
EVENT ROUTING NETWORK
EVENT ROUTING NETWORK
DMA
Controller
BUS
Controller
SRAM
EBI
ADCA
DACA
ACA
DACB
ADCB
ACB
OCD
Internal
Reference
PORT K (8)
PORT J (8)
PORT H (8)
PDI
CPU
PH[0..7]
PJ[0..7]
PK[0..7]
PA[0..7]
PB[0..7]/
JTAG
Watchdog
Timer
Watchdog
Oscillator
Interrupt
Controller
DATA BUS
DATA BUS
Prog/Debug
Controller
VCC
GND
XTAL1
XTAL2
PR[0..1]
TOSC1
TOSC2
PQ[0..7]
Oscillator
Circuits/
Clock
Generation
Oscillator
Control
Real Time
Counter
Event System
Controller
JTAG
AREFA
AREFB
PDI_D
RESET/
PDI_CLK
PORT B
Sleep
Controller
Flash
EEPROM
NVM Controller
DES
AES
IRCOM
PC[0..7]
PD[0..7]
PE[0..7]
PF[0..7]
PORT G (8)
PG[0..7]
PORT L (8)
PL[0..7]
PORT M (8)
PL[0..7]
PP[0..7] PN[0..7]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com