Electronic Components Datasheet Search
  English  ▼

X  

HT80C51 Datasheet(PDF) 122 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 122 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 118Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 119Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 120Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 121Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 122Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 123Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 124Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 125Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 126Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 132 page
background image
Handshake Solutions
HT80C51 User Manual
80C51 Family Instruction Set – Instruction definitions
Page 122 of 132
© Philips Electronics N.V. 2005
RET
Function: Return from subroutine
Description: RET pops the high- and low-order bytes of the PC successively from the stack, decrementing the
Stack Pointer by two. Program execution continues at the resulting address, generally the instruc-
tion immediately following an ACALL or LCALL. No flags are affected.
Example: The Stack Pointer originally contains the value 0BH. Internal RAM locations 0AH and 0BH contain
the values 23H and 01H, respectively. The instruction,
RET
will leave the Stack Pointer equal to the value 09H. Program execution will continue at location
0123H.
Bytes: 1
Cycles: 2
Encoding:
Operation: RET
(PC15-8)
← ((SP))
(SP)
← (SP) – 1
(PC7-0)
← ((SP))
(SP)
← (SP) – 1
RETI
Function: Return from interrupt
Description: RETI pops the high- and low-order bytes of the PC successively from the stack, and restores the
interrupt logic to accept additional interrupts at the same priority level as the one just processed.
The Stack Pointer is left decremented by two. No other registers are affected; the PSW is not
automatically restored to its pre-interrupt status. Program execution continues at the resulting ad-
dress, which is generally the instruction immediately after the point at which the interrupt request
was detected. If a lower- or same-level interrupt has been pending when the RETI instruction is
executed, that one instruction will be executed before the pending interrupt is processed.
Example: The Stack Pointer originally contains the value 0BH. An interrupt was detected during the instruc-
tion ending at location 0122H. Internal RAM locations 0AH and 0BH contain the values 23H and
01H, respectively. The instruction,
RETI
will leave the Stack Pointer equal to 09H and return program execution to location 0123H.
Bytes: 1
Cycles: 2
Encoding:
Operation: RETI
(PC15-8)
← ((SP))
(SP)
← (SP) – 1
(PC7-0)
← ((SP))
(SP)
← (SP) – 1
0
0
1
0
0
0
1
0
0
0
1
1
0
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com