Electronic Components Datasheet Search
  English  ▼

X  

HT80C51 Datasheet(PDF) 125 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 125 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 121Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 122Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 123Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 124Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 125Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 126Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 127Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 128Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 129Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 132 page
background image
HT80C51 User Manual
80C51 Family Instruction Set – Instruction definitions
Handshake Solutions
© Philips Electronics N.V. 2005
Page 125 of 132
SETB <bit>
Function: Set Bit
Description: SETB sets the indicated bit to one. SETB can operate on the carry flag or any directly address-
able bit. No other flags are affected.
Example: The carry flag is cleared. Output Port 1 has been written with the value 34H (00110100B). The
instructions,
SETB C
SETB P1.0
will leave the carry flag set to 1 and change the data output on Port 1 to 35H (00110101B).
SETB C
Bytes: 1
Cycles: 1
Encoding:
Operation: SETB
(C)
← 1
SETB bit
Bytes: 2
Cycles: 1
Encoding:
Operation: SETB
(bit)
← 1
SJMP rel
Function: Short Jump
Description: Program control branches unconditionally to the address indicated. The branch destination is
computed by adding the signed displacement in the second instruction byte to the PC, after in-
crementing the PC twice. Therefore, the range of destinations allowed is from 128 bytes preced-
ing this instruction to 127 bytes following it.
Example: The label “RELADR” is assigned to an instruction at program memory location 0123H. The in-
struction,
SJMP RELADR
will assemble into location 0100H. After the instruction is executed, the PC will contain the value
0123H. ( Note: Under the above conditions the instruction following SJMP will be at 102H. There-
fore, the displacement byte of the instruction will be the relative offset (0123H-0102H) = 21H. Put
another way, an SJMP with a displacement of 0FEH would be a one-instruction infinite loop.)
Bytes: 2
Cycles: 2
Encoding:
Operation: SJMP
(PC)
← (PC) + 2
(PC)
← (PC) + rel
1
1
0
1
0
0
1
1
1
1
0
1
0
0
1
0
bit address
1
0
0
0
0
0
0
0
rel. address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com