Electronic Components Datasheet Search
  English  ▼

X  

HT80C51 Datasheet(PDF) 123 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 123 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 119Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 120Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 121Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 122Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 123Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 124Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 125Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 126Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 127Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 132 page
background image
HT80C51 User Manual
80C51 Family Instruction Set – Instruction definitions
Handshake Solutions
© Philips Electronics N.V. 2005
Page 123 of 132
RL A
Function: Rotate Accumulator Left
Description: The eight bits in the Accumulator are rotated one bit to the left. Bit 7 is rotated into the bit 0 posi-
tion. No flags are affected.
Example: The Accumulator holds the value 0C5H (11000101B). The instruction,
RL A
leaves the Accumulator holding the value 8BH (10001011B) with the carry unaffected.
Bytes: 1
Cycles: 1
Encoding:
Operation: RL
(An+1)
← (An), n = 0 – 6
(A0)
← (A7)
RLC A
Function: Rotate Accumulator Left through the Carry flag
Description: The eight bits in the Accumulator and the carry flag are together rotated one bit to the left. Bit 7
moves into the carry flag; the original state of the carry flag moves into the bit 0 position. No other
flags are affected.
Example: The Accumulator holds the value 0C5H (11000101B), and the carry is zero. The instruction,
RLC A
leaves the Accumulator holding the value 8AH (10001010B) with the carry set.
Bytes: 1
Cycles: 1
Encoding:
Operation: RLC
(An+1)
← (An), n = 0 – 6
(A0)
← (C)
(C)
← (A7)
0
0
1
0
0
0
1
1
0
0
1
1
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com