Electronic Components Datasheet Search
  English  ▼

X  

TDA7476 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7476
Description  CAR RADIO DIAGNOSTIC PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7476 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7476 Datasheet HTML 2Page - STMicroelectronics TDA7476 Datasheet HTML 3Page - STMicroelectronics TDA7476 Datasheet HTML 4Page - STMicroelectronics TDA7476 Datasheet HTML 5Page - STMicroelectronics TDA7476 Datasheet HTML 6Page - STMicroelectronics TDA7476 Datasheet HTML 7Page - STMicroelectronics TDA7476 Datasheet HTML 8Page - STMicroelectronics TDA7476 Datasheet HTML 9Page - STMicroelectronics TDA7476 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TDA7476
6/19
s
Isink and Isource are depending on the external resistor Rcs. The minimum allowed value for Rcs is
1.65KOhm. The relationship among Isink, Isource and Rcs is the following:
Isink = (3.3/Rcs) · 11
Isource = 1.5 · Isink
s
On bridge (or bridge equivalent) devices if there is no short circuit to GND or to Vs, Isource goes into
saturation mode (for Vout > 3V), and in the load flows Isink. As the turn-on diagnostic thresholds are
fixed, it is possible to calculate the ranges of loudspeaker resistance in which short circuit (S.C.), normal
operation and open load are detected as following:
where Lsc, Lnop, Lop as specified in the ELCTRICAL CHARACTERISTICS.
For example, here below are two cases, with Rcs = 3.3KOhm and Rcs = 1.8KOhm..
The exact values of the above mentioned resistive ranges may vary a little, depending on the power amplifier
used.
Turn-on diagnostic - CH1, CH2, CH3, CH4, CH5 - Short to GND and Vs.
To detect if there is short circuit to GND or Vs, the subsonic current pulse is exploited. The information related
to the status of the outputs are measured and memorized at the top of the current pulse (tm in fig.1). If no faults
are present, the pins connected to the audio outputs (CH1,..CH5) will reach about 3V.If one or more outputs are
shorted to GND, these voltages become lower than 3V.If one or more outputs are shorted to Vs, the output volt-
age increases over 3V.The fault status can be know by sensing the output voltages. The reason way voltage
threshold has been preferred instead of a current threshold to declare short circuit resistor ranges is two fold:
S.C. across Load
x
Open Load
0
Ω
R2
R3
infinite
x
Normal Load
R1
R4
D01AU1256
R1
L
sc,max
I
k
sin
-------------------
L
sc ,max
36.3
------------------- R
cs
⋅
==
R2
L
no p,min
I
k
sin
----------------------
L
nop ,min
36.3
---------------------- R
cs
⋅
==
R3
L
no p,max
I
k
sin
-----------------------
L
no p,max
36.3
----------------------- R
cs
⋅
==
R3
L
op ,max
I
k
sin
--------------------
L
op min
,
36.3
-------------------- R
cs
⋅
==
S.C. across Load
x
Open Load
0
Ω
1.1
Ω
11
Ω
infinite
x
Normal Operation
0.24
Ω
27
Ω
D96AU500A
S.C. across Load
x
Open Load
0
Ω
2
Ω
20
Ω
infinite
x
Normal Operation
0.45
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com