Electronic Components Datasheet Search
  English  ▼

X  

TDA7476 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7476
Description  CAR RADIO DIAGNOSTIC PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7476 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7476 Datasheet HTML 1Page - STMicroelectronics TDA7476 Datasheet HTML 2Page - STMicroelectronics TDA7476 Datasheet HTML 3Page - STMicroelectronics TDA7476 Datasheet HTML 4Page - STMicroelectronics TDA7476 Datasheet HTML 5Page - STMicroelectronics TDA7476 Datasheet HTML 6Page - STMicroelectronics TDA7476 Datasheet HTML 7Page - STMicroelectronics TDA7476 Datasheet HTML 8Page - STMicroelectronics TDA7476 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
TDA7476
April 2001
s
WIDE OPERATING VOLTAGE RANGE
s
ST-BY FUNCTION (C-MOS)
s
LOW QUIESCENT ST-BY CURRENT
CONSUMPTION
s
I2C BUS INTERFACE WITH 2 EXTERNALLY
SELECTABLE ADDRESSES
s
UP TO 5 BTL EQUIVALENT INPUTS FOR
FAULT DETECTION IN THE AUDIO
CHANNELS
- short to GND
- short to Vs
- short across the load (at turn-on)
- open load (at turn-on)
s
2 AUX INPUTS FOR FAULT DETECTION IN
THE ANTENNA AND BOOSTERS SUPPLY
LINE- short to GND- open load
s
WARNING PIN FUNCTION (interrupt facility)
ACTIVATED IN THE FOLLOWING
CONDITION:
- audio channel shorted to VS
- audio channel shorted to GND
- aux input shorted to GND
s
NOISE FREE DIAGNOSTICS OPERATION
s
PROTECTORS
s
LOAD DUMP VOLTAGE
s
OPEN GND
s
REVERSED BATTERY
s
ESD
DESCRIPTION
The car radio diagnostic processor is an interface
chip in BCD Technology intended for car radio appli-
cations. It is able to detect potential faults coming
from any misconnection in the car radio or in the har-
ness when installing the set.
The device is able to reveal any fault in the loud-
speaker lines and in the antenna and booster supply
lines, providing a proper output signal (I2C bus com-
patible) in order to disable the ICs under fault and/or
to alert the micro-controller by means of warning
messages.
SO-24
ORDERING NUMBER: TDA7476
CAR RADIO DIAGNOSTIC PROCESSOR
PIN CONNECTION (Top view)
GND
SDA
SCL
ADD
W
AUX1 IN
AUX1 OUT
AUX2 IN
AUX2 OUT
CH1-
CH2-
CH2+
CH3-
CH3+
CH4-
CH4+
CH5+
CH5-
1
3
2
4
5
6
7
8
9
22
21
20
19
18
16
17
15
23
10
24
5V
CH1+
D97AU570A
ST-BY
T-CAP
11
14
13
12
VS
CSR
MULTIPOWER BCD TECHNOLOGY


Similar Part No. - TDA7476

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7476 STMICROELECTRONICS-TDA7476 Datasheet
101Kb / 15P
CAR RADIO DIAGNOSTIC PROCESSOR
Dec-1999
More results

Similar Description - TDA7476

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7460N STMICROELECTRONICS-TDA7460N Datasheet
227Kb / 31P
CAR RADIO SIGNAL PROCESSOR
Jun-2000
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
CAR RADIO SIGNAL PROCESSOR
Mar 1998
TDA7461N STMICROELECTRONICS-TDA7461N Datasheet
229Kb / 31P
CAR RADIO SIGNAL PROCESSOR
Jun-2000
TDA7476 STMICROELECTRONICS-TDA7476 Datasheet
101Kb / 15P
CAR RADIO DIAGNOSTIC PROCESSOR
Dec-1999
TDA7406T STMICROELECTRONICS-TDA7406T Datasheet
823Kb / 49P
CAR RADIO SIGNAL PROCESSOR
Apr-2001
TDA7402 STMICROELECTRONICS-TDA7402_07 Datasheet
971Kb / 71P
Car radio signal processor
Mar-2007
TDA7461N STMICROELECTRONICS-TDA7461N_03 Datasheet
360Kb / 32P
CAR RADIO SIGNAL PROCESSOR
Oct-2003
TDA7404 STMICROELECTRONICS-TDA7404_08 Datasheet
632Kb / 35P
Car radio signal processor
16-Dec-2008
TDA7416 STMICROELECTRONICS-TDA7416_11 Datasheet
448Kb / 37P
Car radio signal processor
30-Jun-2011
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
Car radio signal processor
16-Dec-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com