Electronic Components Datasheet Search
  English  ▼

X  

TDA7476 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7476
Description  CAR RADIO DIAGNOSTIC PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7476 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7476 Datasheet HTML 5Page - STMicroelectronics TDA7476 Datasheet HTML 6Page - STMicroelectronics TDA7476 Datasheet HTML 7Page - STMicroelectronics TDA7476 Datasheet HTML 8Page - STMicroelectronics TDA7476 Datasheet HTML 9Page - STMicroelectronics TDA7476 Datasheet HTML 10Page - STMicroelectronics TDA7476 Datasheet HTML 11Page - STMicroelectronics TDA7476 Datasheet HTML 12Page - STMicroelectronics TDA7476 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9/19
TDA7476
The following table shows the result pointed out by TDA7476 when multiple misconnections are present:
(*) CH means CH+ or CH-
AUX1 - AUX2
s
Voltage across the sensing resistors
s
The minimum voltage of the AUX IN pin to sense the open load condition is 2V.
s
The minimum voltage of the AUX IN pin to detect the short circuit to GND, by sensing the drop on the
resistors is 4.5V. If this voltage falls below 2V, the AUX in is considered short circuited to GND. From
2V to 4.5V the sensing circuit can detect a short circuit in both ways (by sensing across the resistor or
through the voltage between the AUX IN pin and GND).
PERMANENT DIAGNOSTIC - THRESHOLDS
CH1, CH2, CH3, CH4, CH5
s
The circuit will recognize as a fault condition any situation where the following short circuit voltages last
more than 2 sec (typ).
s
Output voltage
AUX1 - AUX2
s
The voltage across the resistors Rsens1 or Rsens2 is sensed. The circuit will recognize as a fault
condition any situation where the following voltages last more than 2sec (typ) in the region "S.C.to GND"
or "open load".
ACTUAL FAULTS
POINTED OUT FAULT
S.C. CH+ to GND + OPEN LOAD
S.C. to GND
S.C. CH(*) to GND + S.C. ACROSS LOAD
S.C. to GND
S.C. CH- to GND + OPEN LOAD
OPEN LOAD
S.C. CH(*) to VS + OPEN LOAD
S.C. to VS
S.C. CH(*) to VS + S.C. ACROSS LOAD
S.C. to VS
S.C. CH+ to VS + S.C. CH- to GND
S.C. to VS
S.C. CH- to VS + S.C. CH+ to GND
S.C. to GND + S.C. to VS
S.C. to GND
x
Open Load
VS
0.5V
125mV
0V
x
Normal Operation
0.85V
85mV
D97AU572A
S.C. to GND
x
S.C. to Vs
0V
1.2V
VS-1.2
VS
x
Normal Operation
0.8V
VS-0.6V
D97AU573B
S.C. to GND
x
Open Load
VS
0.5V
125mV
0V
x
Normal Operation
0.85V
85mV
D97AU574A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com